Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 47Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 48Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 49Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 50Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 51Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 52Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 53Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 54Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 171 page
background image
Rev. 1.60
51
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
CTRL Register
Bit
7
6
5
4
3
2
1
0
�a�e
FSYSO�
—
—
—
FSUBF
LVRF
LRF
WRF
R/W
R/W
—
—
—
R/W
R/W
R/W
R/W
POR
0
—
—
—
0
x
0
0
“x” unknown
Bit7
FSYSON:fSYSControlinIDLEMode
Describedelsewhere.
Bit6~4
Unimplemented,readas“0”
Bit3
FSUBF:FSUBCControlregistersoftwareresetflag
Describedelsewhere.
Bit2
LVRF:LVRfunctionresetflag
Describedelsewhere.
Bit1
LRF:LVRControlregistersoftwareresetflag
Describedelsewhere.
Bit0
WRF:WDTControlregistersoftwareresetflag
0:Notoccur
1:Occurred
Thisbitissetto1bytheWDTControlregistersoftwareresetandclearedbythe
applicationprogram.Notethatthisbitcanonlybeclearedto0bytheapplication
program.
Watchdog Timer Operation
TheWatchdogTimeroperatesbyprovidingadeviceresetwhenitstimeroverflows.Thismeans
thatintheapplicationprogramandduringnormaloperationtheuserhastostrategicallyclearthe
WatchdogTimerbeforeitoverflowstopreventtheWatchdogTimerfromexecutingareset.Thisis
doneusingtheclearwatchdoginstructions.Iftheprogrammalfunctionsforwhateverreason,jumps
toanunknownlocation,orentersanendlessloop,theseclearinstructionswillnotbeexecutedinthe
correctmanner,inwhichcasetheWatchdogTimerwilloverflowandresetthedevice.Withregard
totheWatchdogTimerenable/disablefunction,therearealsofivebits,WE4~WE0,intheWDTC
registertoofferadditionalenable/disableandresetcontroloftheWatchdogTimer.TheWDT
functionwillbedisabledwhentheWE4~WE0bitsaresettoavalueof10101B.TheWDTfunction
willbeenablediftheWE4~WE0bitsvalueisequalto01010B.IftheWE4~WE0bitsaresettoany
othervaluesbytheenvironmentalnoiseorsoftwaresetting,except01010Band10101B,itwillreset
thedeviceafteradelaytime,tSRESET.Afterpoweronthesebitswillhavethevalueof01010B.
WE4 ~ WE0 Bits
WDT Function
10101B
Disa�le
01010B
Ena�le
Any othe� value
Reset MCU
Watchdog Timer Enable/Disable Control
Undernormalprogramoperation,aWatchdogTimertime-outwillinitialiseadeviceresetandset
thestatusbitTO.However,ifthesystemisintheSLEEPorIDLEMode,whenaWatchdogTimer
time-outoccurs,theTObitinthestatusregisterwillbesetandonlytheProgramCounterandStack
Pointerwillbereset.ThreemethodscanbeadoptedtoclearthecontentsoftheWatchdogTimer.
ThefirstisaWDTreset,whichmeansacertainvalueexcept01010Band10101Bwrittenintothe
WE4~WE0bitfiled,thesecondisusingtheWatchdogTimersoftwareclearinstructionsandthe
thirdisviaaHALTinstruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com