Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 55 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 55 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 51Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 52Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 53Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 54Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 55Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 56Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 57Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 58Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 59Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 171 page
background image
Rev. 1.60
55
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Reset Initial Conditions
Thedifferenttypesofresetdescribedaffecttheresetflagsindifferentways.Theseflags,known
asPDFandTOarelocatedinthestatusregisterandarecontrolledbyvariousmicrocontroller
operations,suchastheSLEEPorIDLEModefunctionorWatchdogTimer.Theresetflagsare
showninthetable:
TO
PDF
Reset Conditions
0
0
Powe�-on �eset
u
u
LVR �eset du�ing �o��al o� SLOW Mode ope�ation
1
u
WDT ti�e-out �eset du�ing �o��al o� SLOW Mode ope�ation
1
1
WDT ti�e-out �eset du�ing IDLE o� SLEEP Mode ope�ation
�ote: “u” stands fo� unchanged
Thefollowingtableindicatesthewayinwhichthevariouscomponentsofthemicrocontrollerare
affectedafterapower-onresetoccurs.
Item
Condition after Reset
P�og�a� Counte�
Reset to ze�o
Inte��upts
All inte��upts will �e disa�led
WDT
Clea� afte� �eset� WDT �egins counting
Ti�e�/Event Counte�
Ti�e� Counte� will �e tu�ned off
Input/Output Po�ts
I/O po�ts will �e setup as inputs and A�0~A�9 as A/D input pins
Stack Pointe�
Stack Pointe� will point to the top of the stack
Thedifferentkindsofresetsallaffecttheinternalregistersofthemicrocontrollerindifferentways.
Toensurereliablecontinuationofnormalprogramexecutionafteraresetoccurs,itisimportantto
knowwhatconditionthemicrocontrollerisinafteraparticularresetoccurs.Thefollowingtable
describeshoweachtypeofresetaffectseachofthemicrocontrollerinternalregisters.Notethat
wheremorethanonepackagetypeexiststhetablewillreflectthesituationforthelargerpackage
type.
Register
Power On Reset
LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT)
IAR0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
IAR1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1L
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
IAR�
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP�L
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP�H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBHP
---x xxxx
---u uuuu
---u uuuu
---u uuuu
STATUS
xx00 xxxx
uuuu uuuu
uu1u uuuu
uu11 uuuu
SMOD
000- 0011
000- 0011
000- 0011
uuu- uuuu
LVDC
--00 -000
--00 -000
--00 -000
--uu -uuu
LVRC
0101 0101
0101 0101
0101 0101
uuuu uuuu
CTRL
0--- 0x00
0--- uuuu
0--- uuuu
0--- uuuu
I�TEG
0000 0000
0000 0000
0000 0000
uuuu uuuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com