Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 9Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 10Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 11Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 12Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 13Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 171 page
background image
Rev. 1.60
13
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Absolute Maximum Ratings
SupplyVoltage................................................................................................VSS−0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS−0.3VtoVDD+0.3V
StorageTemperature....................................................................................................-50˚Cto125˚C
OperatingTemperature..................................................................................................-40˚Cto85˚C
IOHTotal....................................................................................................................................-80mA
IOLTotal..................................................................................................................................... 80mA
TotalPowerDissipation........................................................................................................ 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"AbsoluteMaximum
Ratings"maycausesubstantialdamagetothesedevices.Functionaloperationofthesedevicesat
otherconditionsbeyondthoselistedinthespecificationisnotimpliedandprolongedexposureto
extremeconditionsmayaffectdevicesreliability.
D.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
VDD
Ope�ating Voltage (HXT)
fSYS=4MHz
�.�
5.5
V
fSYS=8MHz
�.�
5.5
V
fSYS=1�MHz
�.7
5.5
V
fSYS=16MHz
4.5
5.5
V
IDD
Ope�ating Cu��ent�
�o��al Mode� fSYS=fH
fSUB=fLXT o� fLIRC
3V
�o load� fH=8MHz�
ADC off� WDT ena�le
1.6
�.4
�A
5V
3.3
5.0
�A
Ope�ating Cu��ent�
�o��al Mode� fH=8MHz
3V
�o load� fSYS=fH/��
ADC off� WDT ena�le
0.9
1.5
�A
5V
�.5
3.75
�A
3V
�o load� fSYS=fH/4�
ADC off� WDT ena�le
0.7
1.0
�A
5V
�.0
3.0
�A
3V
�o load� fSYS=fH/8�
ADC off� WDT ena�le
0.6
0.9
�A
5V
1.6
�.4
�A
3V
�o load� fSYS=fH/16�
ADC off� WDT ena�le
0.5
0.75
�A
5V
1.5
�.�5
�A
3V
�o load� fSYS=fH/3��
ADC off� WDT ena�le
0.49
0.74
�A
5V
1.45
�.18
�A
3V
�o load� fSYS=fH/64�
ADC off� WDT ena�le
0.47
0.71
�A
5V
1.4
�.1
�A
Ope�ating Cu��ent�
Slow Mode� fSYS= fSUB
(LXT� LIRC)
3V
�o load� fSYS=LXT�
ADC off� WDT ena�le�
LXTLP=0� LVR ena�le
45
75
μA
5V
90
140
μA
3V
�o load� fSYS=LXT�
ADC off� WDT ena�le�
LXTLP=1� LVR ena�le
40
70
μA
5V
85
135
μA
3V
�o load� fSYS=LIRC� ADC off�
WDT ena�le� LVR ena�le
40
65
μA
5V
80
130
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com