Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 57 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 57 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 53Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 54Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 55Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 56Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 57Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 58Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 59Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 60Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 61Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 171 page
background image
Rev. 1.60
57
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Register
Power On Reset
LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT)
TM0C0
0000 0---
0000 0---
0000 0---
uuuu u---
TM0C1
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0DL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0DH
---- --00
---- --00
---- --00
---- --uu
TM0AL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0AH
---- --00
---- --00
---- --00
---- --uu
TM0RPL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0RPH
---- --00
---- --00
---- --00
---- --uu
TM1C0
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1C1
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1DL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1DH
---- --00
---- --00
---- --00
---- --uu
TM1AL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1AH
---- --00
---- --00
---- --00
---- --uu
TM�C0
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM�C1
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM�DL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM�DH
---- --00
---- --00
---- --00
---- --uu
TM�AL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM�AH
---- --00
---- --00
---- --00
---- --uu
TM3C0
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM3C1
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM3DL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM3DH
---- --00
---- --00
---- --00
---- --uu
TM3AL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM3AH
---- --00
---- --00
---- --00
---- --uu
FSUBC
0010 1010
0010 1010
0010 1010
uuuu uuuu
LCDC0
0000 -000
0000 -000
0000 -000
uuuu -uuu
LCDC1
000- 0000
000- 0000
000- 0000
uuu- uuuu
SEGCR0
0000 0000
0000 0000
0000 0000
uuuu uuuu
SEGCR1
0000 0000
0000 0000
0000 0000
uuuu uuuu
SEGCR�
---- 0000
---- 0000
---- 0000
---- uuuu
EEA
--00 0000
--00 0000
--00 0000
--uu uuuu
EED
0000 0000
0000 0000
0000 0000
uuuu uuuu
EEC
---- 0000
---- 0000
---- 0000
---- uuuu
USR
0000 1011
0000 1011
0000 1011
uuuu uuuu
UCR1
0000 00x0
0000 00x0
0000 00x0
uuuu uuuu
UCR�
0000 0000
0000 0000
0000 0000
uuuu uuuu
BRG
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TXR/RXR
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
Note:“u”standsforunchanged
“x”standsforunknown
“-”standsforunimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com