Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 10Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 11Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 12Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 13Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 171 page
background image
Rev. 1.60
14
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
IIDLE01
IDLE0 Mode Stan�y Cu��ent
(LXT On)
3V
�o load� ADC off� WDT ena�le�
LXTLP=0
—
�
4
μA
5V
—
4
8
μA
3V
�o load� ADC off� WDT ena�le�
LXTLP=1
—
1.5
3.0
μA
5V
—
3.0
6.0
μA
IIDLE0�
IDLE0 Mode Stan�y Cu��ent
(LIRC On)
3V
�o load� ADC off� WDT ena�le
—
1.5
3.0
μA
5V
—
3.0
6.0
μA
IIDLE03
IDLE0 Mode Stan�y Cu��ent
(LXT On)
3V
�o load� ADC off� WDT ena�le�
LXTLP=1� LCD ena�le
(RT=1170kΩ without quick
cha�ge� VLCD=VDD)
—
3
6
μA
5V
—
6
1�
μA
IIDLE04
IDLE0 Mode Stan�y Cu��ent
(LXT On)
3V
�o load� ADC off� WDT ena�le�
LXTLP=1� LCD ena�le
(RT=225kΩ without quick
cha�ge� VLCD=VDD)
—
14
�8
μA
5V
—
�4
48
μA
IIDLE05
IDLE0 Mode Stan�y Cu��ent
(LXT On)
3V
�o load� ADC off� WDT ena�le�
LXTLP=1� LCD ena�le
(RT=1170kΩ with quick charge,
QCT[�:0]=0� VLCD=VDD)
—
5
10
μA
5V
—
9
18
μA
IIDLE06
IDLE0 Mode Stan�y Cu��ent
(LXT On)
3V
�o load� ADC off� WDT ena�le�
LXTLP=1� LCD ena�le
(RT=1170kΩ with quick charge,
QCT[�:0]=7� VLCD=VDD)
—
11
��
μA
5V
—
18
36
μA
IIDLE1
IDLE1 Mode Stan�y Cu��ent
(LIRC On)
3V
�o load� ADC off� WDT ena�le�
fSYS=8MHz on
—
0.5
3.0
�A
5V
—
1.0
6.0
�A
ISLEEP0
SLEEP0 Mode Stan�y Cu��ent
(LXT o� LIRC Off)
3V
�o load� ADC off�
WDT disa�le
—
0.�
1
μA
5V
—
0.4
�
μA
ISLEEP1
SLEEP1 Mode Stan�y Cu��ent
(LXT o� LIRC On)
3V
�o load� ADC off�
WDT ena�le
—
1.5
3.0
μA
5V
—
�.5
5.0
μA
VIL
Input Low Voltage fo� I/O Po�ts
o� Input Pins
—
—
0
—
0.3VDD
V
VIH
Input High Voltage fo� I/O Po�ts
o� Input Pins
—
—
0.7VDD
—
VDD
V
GPIO (except for PD0~PD7 & PE0~PE7)
IOL
I/O Po�t Sink Cu��ent
3V
VOL=0.1VDD
4
8
—
�A
5V
VOL=0.1VDD
10
�0
—
�A
IOH
I/O Po�t Sou�ce Cu��ent
3V
VOH=0.9VDD
-�
-4
—
�A
5V
VOH=0.9VDD
-5
-10
—
�A
High Sink I/O for LED driver (PE0~PE7)
IOL
I/O Po�t Sink Cu��ent
3V
VOL=0.1VDD
8
16
—
�A
5V
VOL=0.1VDD
�0
40
—
�A
IOH
I/O Po�t Sou�ce Cu��ent
3V
VOH=0.9VDD
-�
-4
—
�A
5V
VOH=0.9VDD
-5
-10
—
�A
Adjustable source I/O for LED driver (PD0~PD7)
IOL
I/O Po�t Sink Cu��ent
3V
VOL=0.1VDD
4
8
—
�A
5V
VOL=0.1VDD
10
�0
—
�A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com