Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 93 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 93 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 89Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 90Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 91Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 92Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 93Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 94Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 95Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 96Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 97Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 171 page
background image
Rev. 1.60
93
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Register
Name
Bit
7
6
5
4
3
2
1
0
ADRL(ADRFS=0)
D3
D�
D1
D0
—
—
—
—
ADRL(ADRFS=1)
D7
D6
D5
D4
D3
D�
D1
D0
ADRH(ADRFS=0)
D11
D10
D9
D8
D7
D6
D5
D4
ADRH(ADRFS=1)
—
—
—
—
D11
D10
D9
D8
ADCR0
START
EOCB
ADOFF ADRFS
ACS3
ACS�
ACS1
ACS0
ADCR1
ACS4
VBGE�
—
VREFS
—
ADCK� ADCK1 ADCK0
ACERL
ACE7
ACE6
ACE5
ACE4
ACE3
ACE�
ACE1
ACE0
ACERH
—
—
—
—
—
—
ACE9
ACE8
A/D Converter Register List
A/D Converter Data Registers – ADRL, ADRH
Thedevices,whichhaveaninternal12-bitA/Dconverter,requiretwodataregisters,ahighbyte
register,knownasADRH,andalowbyteregister,knownasADRL.Aftertheconversionprocess
takesplace,theseregisterscanbedirectlyreadbythemicrocontrollertoobtainthedigitised
conversionvalue.Asonly12bitsofthe16-bitregisterspaceisutilised,theformatinwhichthedata
isstorediscontrolledbytheADRFSbitintheADCR0registerasshownintheaccompanyingtable.
D0~D11aretheA/Dconversionresultdatabits.Anyunusedbitswillbereadaszero.
ADRFS
ADRH
ADRL
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
0
D11 D10 D9
D8
D7
D6 D5 D4 D3 D� D1 D0
0
0
0
0
1
0
0
0
0
D11 D10 D9 D8 D7 D6 D5 D4 D3 D� D1 D0
A/D Data Registers
A/D Converter Control Registers – ADCR0, ADCR1, ACERL, ACERH
TocontrolthefunctionandoperationoftheA/Dconverter,fourcontrolregistersknownas
ADCR0,ADCR1,ACERLandACERHareprovided.These8-bitregistersdefinefunctionssuch
astheselectionofwhichanalogchannelisconnectedtotheinternalA/Dconverter,thedigitised
dataformat,theA/DclocksourceaswellascontrollingthestartfunctionandmonitoringtheA/D
converterendofconversionstatus.TheACS3~ACS0bitsintheADCR0registerandtheACS4bit
intheADCR1registerdefinetheADCinputchannelnumber.Asthedevicecontainsonlyoneactual
analogtodigitalconverterhardwarecircuit,eachoftheindividual8analoginputsmustberoutedto
theconverter.ItisthefunctionoftheACS4~ACS0bitstodeterminewhichanalogchannelinputpin
orinternalVBGisactuallyconnectedtotheinternalA/Dconverter.
TheACERHandACERLcontrolregisterscontaintheACE9~ACE0bitswhichdeterminewhich
pinsonPBandPEPortsareusedasanaloginputsfortheA/Dconverterinputandwhichpinsare
nottobeusedastheA/Dconverterinput.SettingthecorrespondingbithighwillselecttheA/D
inputfunction,clearingthebittozerowillselecteithertheI/Oorotherpin-sharedfunction.When
thepinisselectedtobeanA/Dinput,itsoriginalfunctionwhetheritisanI/Oorotherpin-shared
functionwillberemoved.Inaddition,anyinternalpull-highresistorsconnectedtothesepinswillbe
automaticallyremovedifthepinisselectedtobeanA/Dinput.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com