Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 4Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 5Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 6Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 7Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 8Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 9Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 10Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 11Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 171 page
background image
Rev. 1.60
8
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Selection Table
Mostfeaturesarecommontoalldevices,themainfeaturedistinguishingthemareMemorycapacity
andwhetherEEPROMornot.Thefollowingtablesummarisesthemainfeaturesofeachdevice.
Part No.
Program
Memory
Data
Memory
Data
EEPROM
I/O
Ext.
Interrupt
A/D
LCD Driver
HT67F488
4K×16
�56×8
—
4�
4
1�-�it×10 �0×4� �0×8
HT67F489
8K×16
�56×8
64×8
4�
4
1�-�it×10 �0×4� �0×8
Part No.
LED Driver
Timer Module
Time Base
UART
Stack
Package
HT67F488
8x8
10-�it CTM×3
10-�it PTM×1
�
√
8
44LQFP
HT67F489
8x8
10-�it CTM×3
10-�it PTM×1
�
√
8
44LQFP
Block Diagram
OC DS /IC P
Wa tc hdog
Ti me r
8- bi t
RI SC
MC U
Co re
In te rr upt
C ont ro ll er
LX T/ HX T
O sc illa to r
12- Bi t A/ D
C onv er te r
HI RC /L IR C
O sci ll at or
St ac k
EEPR OM
Da ta
Me mo ry
Fl as h
Pr ogr am
Me mo ry
RA M
Da ta
Me mo ry
CT Ms
Low
Vo lt age
Re se t
Ti me B as es
I/ O
Low
Vo lt age
De te ct
PT M
UA RT
LC D/ LE D
Dr iv er
Note:TheEEPROMDataMemoryisonlyavailablefortheHT67F489.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com