Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 98 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 98 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 94Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 95Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 96Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 97Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 98Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 99Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 100Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 101Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 102Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 171 page
background image
Rev. 1.60
98
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
fSYS
A/D Clock Period (tADCK)
ADCK2,
ADCK1,
ADCK0
=000
(fSYS)
ADCK2,
ADCK1,
ADCK0
=001
(fSYS/2)
ADCK2,
ADCK1,
ADCK0
=010
(fSYS/4)
ADCK2,
ADCK1,
ADCK0
=011
(fSYS/8)
ADCK2,
ADCK1,
ADCK0
=100
(fSYS/16)
ADCK2,
ADCK1,
ADCK0
=101
(fSYS/32)
ADCK2,
ADCK1,
ADCK0
=110
(fSYS/64)
ADCK2,
ADCK1,
ADCK0
=111
1MHz
1μs
2μs
4μs
8μs
16μs*
32μs*
64μs*
Undefined
�MHz
500ns
1μs
2μs
4μs
8μs
16μs*
32μs*
Undefined
4MHz
250ns*
500ns
1μs
2μs
4μs
8μs
16μs*
Undefined
8MHz
125ns*
250ns*
500ns
1μs
2μs
4μs
8μs
Undefined
A/D Clock Period Examples
Controllingthepoweron/offfunctionoftheA/Dconvertercircuitryisimplementedusingthe
ADOFFbitintheADCR0register.ThisbitmustbezerotopowerontheA/Dconverter.Whenthe
ADOFFbitisclearedtozerotopowerontheA/Dconverterinternalcircuitryacertaindelay,as
indicatedinthetimingdiagram,mustbeallowedbeforeanA/Dconversionisinitiated.Evenifno
pinsareselectedforuseasA/DinputsbyclearingtheACE9~ACE0bitsintheACERHandACERL
registers,iftheADOFFbitiszerothensomepowerwillstillbeconsumed.Inpowerconscious
applicationsitisthereforerecommendedthattheADOFFissethightoreducepowerconsumption
whentheA/Dconverterfunctionisnotbeingused.
ThereferencevoltagesupplytotheA/DConvertercanbesuppliedfromeitherthepositivepower
supplypin,VDD,orfromanexternalreferencesourcessuppliedonpinVREF.Thedesiredselection
ismadeusingtheVREFSbit.AstheVREFpinispin-sharedwithotherfunctions,whentheVREFS
bitissethigh,theVREFpinfunctionwillbeselectedandtheotherpinfunctionswillbedisabled
automatically.
A/D Input Pins
AlloftheA/Danaloginputpinsarepin-sharedwiththePBandPEI/Opinsaswellasother
functions.TheACE9~ACE0bitsintheACERHandACERLregisters,determinewhetherthe
inputpinsaresetupasA/Dconverteranaloginputsorwhethertheyhaveotherfunctions.Ifthe
ACE9~ACE0bitsforitscorrespondingpinissethighthenthepinswillbesetuptobeanA/D
converterinputandtheoriginalpinfunctionsdisabled.Inthisway,pinscanbechangedunder
programcontroltochangetheirfunctionbetweenA/Dinputsandotherfunctions.Allpull-high
resistors,whicharesetupthroughregisterprogramming,willbeautomaticallydisconnectedifthe
pinsaresetupasA/Dinputs.NotethatitisnotnecessarytofirstsetuptheA/Dpinasaninputinthe
PBCorPECportcontrolregistertoenabletheA/DinputaswhentheACE9~ACE0bitsenablean
A/Dinput,thestatusoftheportcontrolregisterwillbeoverridden.
TheA/Dconverterhasitsownreferencevoltagepin,VREF,howeverthereferencevoltagecan
alsobesuppliedfromthepowersupplypin,achoicewhichismadethroughtheVREFSbitinthe
ADCR1register.TheanaloginputvaluesmustnotbeallowedtoexceedthevalueofVREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com