Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 29Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 30Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 31Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 32Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 33Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 34Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 35Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 36Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 171 page
background image
Rev. 1.60
33
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
EEPROM Data Memory
TheHT67F489devicecontainsanareaofinternalEEPROMDataMemory.EEPROM,which
standsforElectricallyErasableProgrammableReadOnlyMemory,isbyitsnatureanon-volatile
formofre-programmablememory,withdataretentionevenwhenitspowersupplyisremoved.
Byincorporatingthiskindofdatamemory,awholenewhostofapplicationpossibilitiesaremade
availabletothedesigner.TheavailabilityofEEPROMstorageallowsinformationsuchasproduct
identificationnumbers,calibrationvalues,specificuserdata,systemsetupdataorotherproduct
informationtobestoreddirectlywithintheproductmicrocontroller.Theprocessofreadingand
writingdatatotheEEPROMmemoryhasbeenreducedtoaverytrivialaffair.
EEPROM Data Memory Structure
TheEEPROMDataMemorycapacityis64×8bitsforthedevice.UnliketheProgramMemory
andRAMDataMemory,theEEPROMDataMemoryisnotdirectlymappedintomemoryspace
andisthereforenotdirectlyaddressableinthesamewayastheothertypesofmemory.Readand
WriteoperationstotheEEPROMarecarriedoutinsinglebyteoperationsusinganaddressanddata
registerinSector0andasinglecontrolregisterinSector1.
EEPROM Registers
ThreeregisterscontroltheoveralloperationoftheinternalEEPROMDataMemory.Theseare
theaddressregister,EEA,thedataregister,EEDandasinglecontrolregister,EEC.Asboththe
EEAandEEDregistersarelocatedinSector0,theycanbedirectlyaccessedinthesamewasas
anyotherSpecialFunctionRegister.TheEECregisterhowever,beinglocatedinSector1,cannot
bedirectlyaddresseddirectlyandcanonlybereadfromorwrittentoindirectlyusingtheMP1L/
MP1HMemoryPointerandIndirectAddressingRegister,IAR1.BecausetheEECcontrolregisteris
locatedataddress40HinSector1,theMP1LMemoryPointerlowbytemustfirstbesettothevalue
40HandtheMP1HMemoryPointerhighbytesettothevalue01Hbeforeanyoperationsonthe
EECregisterareexecuted.
EEPROM Register List
Name
Bit
7
6
5
4
3
2
1
0
EEA
—
—
D5
D4
D3
D�
D1
D0
EED
D7
D6
D5
D4
D3
D�
D1
D0
EEC
—
—
—
—
WRE�
WR
RDE�
RD
EEA Register
Bit
7
6
5
4
3
2
1
0
�a�e
—
—
D5
D4
D3
D�
D1
D0
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit7~6
Unimplemented,readas“0”
Bit5~0
D5~D0:DataEEPROMaddress
DataEEPROMaddressbit5~bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com