Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 2Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 3Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 4Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 5Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 6Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 7Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 8Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 9Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 171 page
background image
Rev. 1.60
6
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Features
CPU Features
• OperatingVoltage
♦
fSYS=4MHz:2.2V~5.5V
♦
fSYS=8MHz:2.2V~5.5V
♦
fSYS=12MHz:2.7V~5.5V
♦
fSYS=16MHz:4.5V~5.5V
• Powerdownandwake-upfunctionstoreducepowerconsumption
• Oscillators
♦
InternalRC–HIRC
♦
ExternalCrystal-HXT
♦
Internal32kHzRC–LIRC
♦
External32.768kHzCrystal–LXT
• Fullyintegratedinternal8MHzoscillatorrequiresnoexternalcomponents
• Multi-modeoperation:NORMAL,SLOW,IDLEandSLEEP
• Allinstructionsexecutedin1~3instructioncycles
• Bitmanipulationinstruction
• 16-bitTableReadFunction
• 115powerfulinstructions
• SupportdualwordsinstructionsforRAMaccess
• 8-levelsubroutinenesting
Peripheral Features
• FlashProgramMemory:4K×16~8K×16
• RAMDataMemory:256×8
• TrueEEPROMMemory:64×8(onlyforHT67F489)
• WatchdogTimerfunction
• 42bidirectionalI/Olines
♦
InlcudeLCD/LEDdrivingoutput
• 4pin-sharedexternalinterrupts
• MultipleTimerModulesfortimemeasure,inputcapture,comparematchoutput,PWMoutputor
singlepulseoutputfunctions
• DualTime-Basefunctionsforgenerationoffixedtimeinterruptsignals
• 10-channel12-bitresolutionA/Dconverter
• LCDdisplay
♦
20SEG×4COM&20SEG×8COM
♦
1/3or1/4bias
• LEDdisplay:8SEG×8COM
• Fully-duplexUniversalAsynchronousReceiverandTransmitterInterface--UART
• LowVoltageResetfunction
• LowVoltageDetectfunction
• Packagetype:44-pinLQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com