Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 12Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 13Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 171 page
background image
Rev. 1.60
16
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
A/D Converter Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ.
Max.
Unit
VDD
Conditions
AVDD
A/D Conve�te� Ope�ating Voltage
—
—
�.7
—
5.5
V
VADI
A/D Conve�te� Input Voltage
—
—
0
—
AVDD/VREF
V
VREF
A/D Conve�te� Refe�ence Voltage
—
—
�
—
AVDD
V
VBG
Refe�ence with �uffe� voltage
—
—
-3%
1.09
+3%
V
D�L
Diffe�ential �on-linea�ity
5V V
REF
=AVDD=VDD
tADCK=0.5μs
-4
—
+4
LSB
I�L
Integ�al �on-linea�ity
5V V
REF
=AVDD=VDD
tADCK=0.5μs
-7
—
+7
LSB
IADC
Additional Powe� Consu�ption if
A/D Conve�te� is used
3V �o load (tADCK=0.5μs)
—
0.9
1.35
�A
5V �o load (tADCK=0.5μs)
—
1.�
1.8
�A
IBG
Additional Powe� Consu�ption if
VBG Refe�ence with Buffe� is Used
—
—
—
�00
300
μA
tADCK
A/D Conve�te� Clock Pe�iod
—
—
0.5
—
10
μs
tADC
A/D Conve�sion Ti�e
(Include Sa�ple and Hold Ti�e)
— 1�-�it ADC
—
16
—
tADCK
tADS
A/D Conve�te� Sa�pling Ti�e
—
—
—
4
—
tADCK
tO��ST
A/D Conve�te� On-to-Sta�t Ti�e
—
—
�
—
—
μs
tBGS
VBG Tu�n on Sta�le Ti�e
—
—
—
—
�00
μs
LVD & LVR Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VLVR
Low Voltage Reset Voltage
—
LVR Ena�le� �.10V option
-5% �.10 +5%
V
LVR Ena�le� �.55V option
-5% �.55 +5%
V
LVR Ena�le� 3.15V option
-5% 3.15 +5%
V
LVR Ena�le� 3.80V option
-5% 3.80 +5%
V
VLVD
Low Voltage Detecto� Voltage
—
LVDE�=1� VLVD=�.0V
-5%
�.0
+5%
V
LVDE�=1� VLVD=�.�V
-5%
�.�
+5%
V
LVDE�=1� VLVD=�.4V
-5%
�.4
+5%
V
LVDE�=1� VLVD=�.7V
-5%
�.7
+5%
V
LVDE�=1� VLVD=3.0V
-5%
3.0
+5%
V
LVDE�=1� VLVD=3.3V
-5%
3.3
+5%
V
LVDE�=1� VLVD=3.6V
-5%
3.6
+5%
V
LVDE�=1� VLVD=4.0V
-5%
4.0
+5%
V
ILVD
Additional Powe� Consu�ption
if LVD is used
3V LVD disable → LVD enable
(LVR ena�le)
—
30
45
μA
5V
—
60
90
μA
tLVR
Low Voltage Width to Reset
—
—
1�0 �40
480
μs
tLVD
Low Voltage Width to Inte��upt
—
—
�0
45
90
μs
tLVDS
LVDO sta�le ti�e
— For LVR enable, LVD off→on
—
—
15
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com