Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 65 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 65 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 61Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 62Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 63Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 64Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 65Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 66Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 67Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 68Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 69Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 171 page
background image
Rev. 1.60
65
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
TMPC Register
Bit
7
6
5
4
3
2
1
0
�a�e
—
—
—
T3CP
T�CP
T1CP
T0CP1
T0CP0
R/W
—
—
—
R/W
R/W
R/W
R/W
R/W
POR
—
—
—
0
0
0
0
0
Bit7~5
Unimplemented,readas“0”
Bit4
T3CP:TP3pincontrol
0:Disable
1:Enable
Bit3
T2CP:TP2pincontrol
0:Disable
1:Enable
Bit2
T1CP:TP1pincontrol
0:Disable
1:Enable
Bit1
T0CP1:TP0_1pincontrol
0:Disable
1:Enable
Bit0
T0CP0:TP0_0pincontrol
0:Disable
1:Enable
Programming Considerations
TheTMCounterRegistersandtheCapture/CompareCCRAandCCRPregisters,being10-bit,all
havealowandhighbytestructure.Thehighbytescanbedirectlyaccessed,butasthelowbytes
canonlybeaccessedviaaninternal8-bitbuffer,readingorwritingtotheseregisterpairsmustbe
carriedoutinaspecificway.Theimportantpointtonoteisthatdatatransfertoandfromthe8-bit
bufferanditsrelatedlowbyteonlytakesplacewhenawriteorreadoperationtoitscorresponding
highbyteisexecuted.AstheCCRAandCCRPregistersareimplementedinthewayshowninthe
followingdiagramandaccessingtheregisteriscarriedoutinaspecificwaydescribedabove,it
isrecommendedtousethe“MOV”instructiontoaccesstheCCRAandCCRPlowbyteregisters,
namedTMxALandTMxRPL,usingthefollowingaccessprocedures.AccessingtheCCRAor
CCRPlowbyteregisterwithoutfollowingtheseaccessprocedureswillresultinunpredictable
values.
Data Bus
8-�it Buffe�
TMxDH
TMxDL
TMxAH
TMxAL
TM Counte� Registe� (Read only)
TM CCRA Registe� (Read/W�ite)
TMxRPH
TMxRPL
TM CCRP Registe� (Read/W�ite)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com