Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 33Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 34Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 35Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 36Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 37Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 38Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 39Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 40Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 171 page
background image
Rev. 1.60
37
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Oscillators
Variousoscillatoroptionsoffertheuserawiderangeoffunctionsaccordingtotheirvarious
applicationrequirements.Theflexiblefeaturesoftheoscillatorfunctionsensurethatthebest
optimisationcanbeachievedintermsofspeedandpowersaving.Oscillatorselectionsandoperation
areselectedthroughregisters.
Oscillator Overview
Inadditiontobeingthesourceofthemainsystemclocktheoscillatorsalsoprovideclocksources
fortheWatchdogTimerandTimeBaseInterrupts.Externaloscillatorsrequiringsomeexternal
componentsaswellasfullyintegratedinternaloscillators,requiringnoexternalcomponents,are
providedtoformawiderangeofbothfastandslowsystemoscillators.Thehigherfrequency
oscillatorsprovidehigherperformancebutcarrywithitthedisadvantageofhigherpower
requirements,whiletheoppositeisofcoursetrueforthelowerfrequencyoscillators.Withthe
capabilityofdynamicallyswitchingbetweenfastandslowsystemclock,thedevicehasthe
flexibilitytooptimizetheperformance/powerratio,afeatureespeciallyimportantinpowersensitive
portableapplications.
Type
Name
Freq.
Pins
Inte�nal High Speed RC
HIRC
8MHz
—
Exte�nal High speed C�ystal
HXT
400kHz~16MHz
OSC1/OSC�
Inte�nal Low Speed RC
LIRC
3�kHz
—
Exte�nal Low Speed C�ystal
LXT
3�.768kHz
XT1/XT�
Oscillator Types
System Clock Configurations
Therearefourmethodsofgeneratingthesystemclock,twohighspeedoscillatorsandtwolowspeed
oscillators.Thehighspeedoscillatoraretheinternal8MHzRCoscillator-HIRCandtheexternal
crystal/ceramicoscillator-HXT.Thetwolowspeedoscillatorsaretheinternal32kHzRCoscillator
-LIRCandtheexternal32.768kHzcrystaloscillator-LXT.Selectingwhethertheloworhighspeed
oscillatorisusedasthesystemoscillatorisimplementedusingtheHLCLKbitandCKS2~CKS0
bitsintheSMODregisterandasthesystemclockcanbedynamicallyselected.Notethattwo
oscillatorselectionsmustbemadenamelyonehighspeedandonelowspeedsystemoscillators.Itis
notpossibletochooseano-oscillatorselectionforeitherthehighorlowspeedoscillator.
LI RC
Hi gh S peed O sc illa to rs
Lo w Sp eed Os ci ll at or s
f H
f H /6 4
f H /3 2
f H /1 6
f H /8
f H /4
f H /2
6- st age P re sca le r
f SYS
HL CL K,
CK S2 ~C KS 0 bi ts
LX T
FS UB C
FS UB 6~ FS UB 0 bi ts
f SU B
HI RC
HX T
Co nf ig ur at io n
Op ti on
System Clock Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com