Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 58 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 58 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 54Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 55Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 56Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 57Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 58Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 59Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 60Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 61Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 62Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 171 page
background image
Rev. 1.60
58
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Input/Output Ports
HoltekmicrocontrollersofferconsiderableflexibilityontheirI/Oports.Withtheinputoroutput
designationofeverypinfullyunderuserprogramcontrol,pull-highselectionsforallportsand
wake-upselectionsoncertainpins,theuserisprovidedwithanI/Ostructuretomeettheneedsofa
widerangeofapplicationpossibilities.
Thedeviceprovidesbidirectionalinput/outputlineslabeledwithportnamesPA~PF.TheseI/Oports
aremappedtotheRAMDataMemorywithspecificaddressesasshownintheSpecialPurpose
DataMemorytable.AlloftheseI/Oportscanbeusedforinputandoutputoperations.Forinput
operation,theseportsarenon-latching,whichmeanstheinputsmustbereadyattheT2risingedge
ofinstruction“MOVA,[m]”,wheremdenotestheportaddress.Foroutputoperation,allthedatais
latchedandremainsunchangeduntiltheoutputlatchisrewritten.
I/O Register List
Register
Name
Bit
7
6
5
4
3
2
1
0
PAWU
PAWU7
PAWU6
PAWU5
PAWU4
PAWU3
PAWU�
PAWU1
PAWU0
PAPU
PAPU7
PAPU6
PAPU5
PAPU4
PAPU3
PAPU�
PAPU1
PAPU0
PA
PA7
PA6
PA5
PA4
PA3
PA�
PA1
PA0
PAC
PAC7
PAC6
PAC5
PAC4
PAC3
PAC�
PAC1
PAC0
PBPU
—
—
PBPU5
PBPU4
PBPU3
PBPU�
PBPU1
PBPU0
PB
—
—
PB5
PB4
PB3
PB�
PB1
PB0
PBC
—
—
PBC5
PBC4
PBC3
PBC�
PBC1
PBC0
PCPU
PCPU7
PCPU6
PCPU5
PCPU4
PCPU3
PCPU�
PCPU1
PCPU0
PC
PC7
PC6
PC5
PC4
PC3
PC�
PC1
PC0
PCC
PCC7
PCC6
PCC5
PCC4
PCC3
PCC�
PCC1
PCC0
PDPU
PDPU7
PDPU6
PDPU5
PDPU4
PDPU3
PDPU�
PDPU1
PDPU0
PD
PD7
PD6
PD5
PD4
PD3
PD�
PD1
PD0
PDC
PDC7
PDC6
PDC5
PDC4
PDC3
PDC�
PDC1
PDC0
PEPU
PEPU7
PEPU6
PEPU5
PEPU4
PEPU3
PEPU�
PEPU1
PEPU0
PE
PE7
PE6
PE5
PE4
PE3
PE�
PE1
PE0
PEC
PEC7
PEC6
PEC5
PEC4
PEC3
PEC�
PEC1
PEC0
PFPU
PFPU7
PFPU6
PFPU5
PFPU4
—
—
—
—
PF
PF7
PF6
PF5
PF4
—
—
—
—
PFC
PFC7
PFC6
PFC5
PFC4
—
—
—
—
“—”:Unimplemented,readas“0”
PAWUn:PAwake-upfunctioncontrol
0:Disable
1:Enable
PAn/PBn/PCn/PDn/PEn/PFn:I/ODatabit
0:Data0
1:Data1
PACn/PBCn/PCCn/PDCn/PECn/PFCn:I/Otypeselection
0:Output
1:Input
PAPUn/PBPUn/PCPUn/PDPUn/PEPUn/PFPUn:Pull-highfunctioncontrol
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com