Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 42 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 38Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 39Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 40Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 41Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 42Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 43Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 44Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 45Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 171 page
background image
Rev. 1.60
4�
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
System Operation Modes
Therearesixdifferentmodesofoperationforthemicrocontroller,eachonewithitsown
specialcharacteristicsandwhichcanbechosenaccordingtothespecificperformanceand
powerrequirementsoftheapplication.Therearetwomodesallowingnormaloperationofthe
microcontroller,theNORMALModeandSLOWMode.Theremainingfourmodes,theSLEEP0,
SLEEP1,IDLE0andIDLE1ModeareusedwhenthemicrocontrollerCPUisswitchedoffto
conservepower.
Operating Mode
Description
CPU
fSYS
fSUB
fTBC
�ORMAL Mode
On
fH~fH/64
On
On
SLOW Mode
On
fSUB
On
On
IDLE0 Mode
Off
Off
On
On
IDLE1 Mode
Off
On
On
On
SLEEP0 Mode
Off
Off
Off
Off
SLEEP1 Mode
Off
Off
On
Off
NORMAL Mode
Asthenamesuggeststhisisoneofthemainoperatingmodeswherethemicrocontrollerhasallof
itsfunctionsoperationalandwherethesystemclockisprovidedbyoneofthehighspeedoscillators.
Thismodeoperatesallowingthemicrocontrollertooperatenormallywithaclocksourcewillcome
fromthehighspeedoscillatorHIRC/HXT.Thehighspeedoscillatorwillhoweverfirstbedivided
byaratiorangingfrom1to64,theactualratiobeingselectedbytheCKS2~CKS0andHLCLK
bitsintheSMODregister.Althoughahighspeedoscillatorisused,runningthemicrocontrollerata
dividedclockratioreducestheoperatingcurrent.
SLOW Mode
Thisisalsoamodewherethemicrocontrolleroperatesnormallyalthoughnowwithaslowerspeed
clocksource.Theclocksourceusedwillbefromoneofthelowspeedoscillators,eithertheLXT
ortheLIRC.Runningthemicrocontrollerinthismodeallowsittorunwithmuchloweroperating
currents.IntheSLOWMode,thefHisoff.
SLEEP0 Mode
TheSLEEPModeisenteredwhenanHALTinstructionisexecutedandwhentheIDLENbitinthe
SMODregisterislow.IntheSLEEP0modetheCPUwillbestopped,andthefSUBclockwillbe
stoppedtoo,andtheWatchdogTimerfunctionisdisabled.Inthismode,theLVDENismustsetto“0”.
IftheLVDENissetto“1”,itwon’tentertheSLEEP0Mode.
SLEEP1 Mode
TheSLEEPModeisenteredwhenanHALTinstructionisexecutedandwhentheIDLENbitinthe
SMODregisterislow.IntheSLEEP1modetheCPUwillbestopped.HoweverthefSUBclockwill
continuetooperateiftheLVDENis“1”ortheWatchdogTimerfunctionisenabled.
IDLE0 Mode
TheIDLE0ModeisenteredwhenaHALTinstructionisexecutedandwhentheIDLENbitinthe
SMODregisterishighandtheFSYSONbitintheCTRLregisterislow.IntheIDLE0Modethe
systemoscillatorwillbeinhibitedfromdrivingtheCPU,thesystemoscillatorwillbestopped,the
lowfrequencyclockfSUBwillbeon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com