Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 11Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 12Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 13Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 171 page
background image
Rev. 1.60
15
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
IOH
I/O Po�t Sou�ce Cu��ent
3V
VOH= 0.9VDD
(IOHSn[1:0]=00B� n=0~7)
-�
-4
—
�A
VOH= 0.9VDD
(IOHSn[1:0]=01B� n=0~7)
-0.67 -1.33
—
�A
VOH= 0.9VDD
(IOHSn[1:0]=10B� n=0~7)
-0.5
-1
—
�A
VOH= 0.9VDD
(IOHSn[1:0]=11B� n=0~7)
-0.33 -0.66
—
�A
5V
VOH= 0.9VDD
(IOHSn[1:0]=00B� n=0~7)
-5
-10
—
�A
VOH= 0.9VDD
(IOHSn[1:0]=01B� n=0~7)
-1.67 -3.33
—
�A
VOH= 0.9VDD
(IOHSn[1:0]=10B� n=0~7)
-1.�5
-�.5
—
�A
VOH= 0.9VDD
(IOHSn[1:0]=11B� n=0~7)
-0.83 -1.67
—
�A
RPH
Pull-high Resistance fo� I/O Po�ts
3V
—
�0
60
100
kΩ
5V
—
10
30
50
kΩ
RT
LCD total �ias �esiste�
3V/5V
—
-30
RT
+30
%
ITOL
Total I/O Po�t Sink Cu��ent
5V
—
80
—
—
�A
ITOH
Total I/O Po�t Sou�ce Cu��ent
5V
—
-80
—
—
�A
A.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fCPU
Ope�ating Clock
—
�.�~5.5
DC
─
4
MHz
�.�~5.5V
DC
─
8
MHz
�.7~5.5V
DC
─
1�
MHz
4.5~5.5V
DC
─
16
MHz
fSYS
Syste� Clock (HIRC)
�.�V~5.5V
—
—
8
—
MHz
fHIRC
Syste� Clock (HIRC)
4.5V~5.5V Ta=0°C to 70°C
-�%
8
+�%
MHz
fLIRC
Syste� Clock (LIRC)
5V
Ta=�5°C
-10%
3�
+10%
kHz
tTIMER
TCKn Input Pulse Width
—
—
0.3
—
—
μs
tI�T
Inte��upt Pulse Width
—
—
10
—
—
μs
tEERD
EEPROM Read Ti�e
5V
—
—
�
4
tSYS
tEEWR
EEPROM W�ite Ti�e
5V
—
—
�
4
�s
tRSTD
Syste� Reset Delay Ti�e
(Powe� On Reset� LVR Reset�
WDTC/LVRC S/W Reset)
—
—
�5
50
100
�s
Syste� Reset Delay Ti�e
(WDT Ti�e-out Reset)
—
—
8.3
16.7
33.3
�s
tSST
Syste� Sta�t-up Ti�e� Pe�iod
(Wake-up f�o� HALT)
—
fSYS=LXT/HXT
—
10�4
—
tSYS
—
fSYS=HIRC
—
16
—
—
fSYS=LIRC
—
�
—
tSRESET
Softwa�e Reset Width to Reset
—
—
45
90
1�0
μs
Note:tSYS=1/fSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com