Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 20Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 21Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 22Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 23Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 24Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 25Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 26Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 27Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 171 page
background image
Rev. 1.60
�4
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Duringtheprogrammingprocess,takingcontrolofthePA0andPA2I/Opinsfordataandclock
programmingpurposes.Theusermusttheretakecaretoensurethatnootheroutputsareconnected
tothesetwopins.
*
*
Wr it er _V DD
IC PD A
IC PC K
Wr it er _V SS
To o th er C ir cu it
PA2
VSS
PA 0
VD D
Wr it er C onne ct or
Si gnal s
M CU Pr og ra mm in g
Pi ns
Note:*mayberesistororcapacitor.Theresistanceof*mustbegreaterthan1korthecapacitance
of*mustbelessthan1nF.
On-Chip Debug Support – OCDS
ThereisanEVchipnamedHT67V489whichisusedtoemulatetheHT67F488/HT67F489series
ofdevices.TheHT67V489devicealsoprovidesthe“On-ChipDebug”functiontodebugthe
HT67F488/HT67F489seriesofdevicesduringdevelopmentprocess.Thedevices,HT67F488/
HT67F489andHT67V489,arealmostfunctionalcompatibleexceptthe“On-ChipDebug”function
andpackagetypes.UserscanusetheHT67V489devicetoemulatetheHT67F488/HT67F489
seriesofdevicesbehaviorsbyconnectingtheOCDSDAandOCDSCKpinstotheHoltekHT-
IDEdevelopmenttools.TheOCDSDApinistheOCDSData/Addressinput/outputpinwhilethe
OCDSCKpinistheOCDSclockinputpin.WhenusersusetheHT67V489EVchipfordebugging,
thecorrespondingpinfunctionssharedwiththeOCDSDAandOCDSCKpinsintheHT67F488/
HT67F489seriesofdeviceswillhavenoeffectintheHT67V489EVchip.However,thetwo
OCDSpinswhicharepin-sharedwiththeICPprogrammingpinsarestillusedastheFlashMemory
programmingpinsforICP.FormoredetailedOCDSinformation,refertothecorresponding
documentnamed“Holteke-Linkfor8-bitMCUOCDSUser’sGuide”.
Holtek e-Link Pins
EV Chip Pins
Pin Description
OCDSDA
OCDSDA
On-chip De�ug Suppo�t Data/Add�ess input/output
OCDSCK
OCDSCK
On-chip De�ug Suppo�t Clock input
VDD
VDD
Powe� Supply
VSS
VSS
G�ound



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com