Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 119 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 119 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 115Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 116Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 117Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 118Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 119Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 120Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 121Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 122Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 123Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 171 page
background image
Rev. 1.60
119
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
TXR/RXR Register
Bit
7
6
5
4
3
2
1
0
�a�e
TXRX7
TXRX6
TXRX5
TXRX4
TXRX3
TXRX�
TXRX1
TXRX0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
“x” unknown
Bit7~0
TXRX7~TXRX0:UARTTransmit/ReceiveDatabit7~bit0
BRG Register
Bit
7
6
5
4
3
2
1
0
�a�e
BRG7
BRG6
BRG5
BRG4
BRG3
BRG�
BRG1
BRG0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
“x” unknown
Bit7~0
BRG7~BRG0:BaudRatevalues
ByprogrammingtheBRGHbitinUCR2Registerwhichallowsselectionofthe
relatedformuladescribedaboveandprogrammingtherequiredvalueintheBRG
register,therequiredbaudratecanbesetup.
Note:Baudrate=fSYS/[64×(N+1)]ifBRGH=0.
Baudrate=fSYS/[16×(N+1)]ifBRGH=1.
Baud Rate Generator
Tosetupthespeedoftheserialdatacommunication,theUARTfunctioncontainsitsowndedicated
baudrategenerator.Thebaudrateiscontrolledbyitsowninternalfreerunning8-bittimer,the
periodofwhichisdeterminedbytwofactors.Thefirstoftheseisthevalueplacedinthebaudrate
registerBRGandthesecondisthevalueoftheBRGHbitwiththecontrolregisterUCR2.The
BRGHbitdecidesifthebaudrategeneratoristobeusedinahighspeedmodeorlowspeedmode,
whichinturndeterminestheformulathatisusedtocalculatethebaudrate.ThevalueNintheBRG
registerwhichisusedinthefollowingbaudratecalculationformuladeterminesthedivisionfactor.
NotethatNisthedecimalvalueplacedintheBRGregisterandhasarangeofbetween0and255.
UCR2 BRGH Bit
0
1
Baud Rate (BR)
fSYS / [64 (�+1)]
fSYS / [16 (�+1)]
ByprogrammingtheBRGHbitwhichallowsselectionoftherelatedformulaandprogrammingthe
requiredvalueintheBRGregister,therequiredbaudratecanbesetup.Notethatbecausetheactual
baudrateisdeterminedusingadiscretevalue,N,placedintheBRGregister,therewillbeanerror
associatedbetweentheactualandrequestedvalue.ThefollowingexampleshowshowtheBRG
registervalueNandtheerrorvaluecanbecalculated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com