Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 128 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 128 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 124Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 125Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 126Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 127Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 128Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 129Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 130Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 131Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 132Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 171 page
background image
Rev. 1.60
1�8
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Operation
Mode
Description
RX wake-up function
CPU
fSYS
fH
fSUB
IDLE0 Mode
Off
Off
Off
On
When the CPU ente�s the IDLE0 �ode� a falling edge on
the RX pin will not tu�n on the fSYS clock and not wake up the
CPU even if UCR�.�(RIE)=1 and UCR�.3(WAKE)=1.
IDLE1 Mode
Off
On
On
On
When the UCR�.�(RIE)=1� UCR�.3(WAKE)=1 and the CPU
is ente�ed in IDLE1 �ode:
1. If the UART is not t�ansfe� and a falling edge occu��ed on
the RX pin� this will tu�n on fSYS and CPU is still off. If the
UART t�ans�ission is on going� CPU will �e woken up in
the end of t�ansfe�.
�. If the UART t�ans�ission is on going� the CPU will �e
woken up in the end of t�ansfe�.
�ote: If RIE=0� WAKE=1 and the UART t�ans�ission is on
going� the CPU will not �e woken up in the end of
�eceive.
IDLE1 Mode
Off
On
(fSYS=fH~fH/64) On
Off
When the UCR�.�(RIE)=1� UCR�.3(WAKE)=1 and the CPU
is ente�ed in IDLE1 �ode:
1. If the UART is not t�ansfe� and a falling edge occu��ed on
the RX pin� this will tu�n on fSYS and CPU is still off. If the
UART t�ans�ission is on going� CPU will �e woken up in
the end of t�ansfe�.
�. If the UART t�ans�ission is on going� the CPU will �e
woken up in the end of t�ansfe�.
�ote: If RIE=0� WAKE=1 and the UART t�ans�ission is on
going� the CPU will not �e woken up in the end of
�eceive.
SLEEP0/1 Mode Off
Off
Off On/Off
When the UCR�.�(RIE)=1� UCR�.3(WAKE)=1 and the CPU
is ente�ed in SLEEP �ode� a falling edge on the RX pin will
tu�n on fSYS and wake-up CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com