Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 133 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 133 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 129Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 130Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 131Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 132Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 133Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 134Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 135Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 136Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 137Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 171 page
background image
Rev. 1.60
133
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
INTC2 Register
Bit
7
6
5
4
3
2
1
0
�a�e
MF4F
I�T3F
I�T�F
UARF
MF4E
I�T3E
I�T�E
UARE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
MF4F:Multi-functionInterrupt4RequestFlag
0:Norequest
1:Interruptrequest
Bit6
INT3F:INT3pininterruptrequestflag
0:Norequest
1:Interruptrequest
Bit5
INT2F:INT2pininterruptrequestflag
0:Norequest
1:Interruptrequest
Bit4
UARF:UARTinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit3
MF4E:Multi-function4InterruptControl
0:Disable
1:Enable
Bit2
INT3E:INT3pininterruptcontrol
0:Disable
1:Enable
Bit1
INT2E:INT2pininterruptcontrol
0:Disable
1:Enable
Bit0
UARE:UARTinterruptcontrol
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com