Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980GEFL/V Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 81 page
background image
WM8980
Product Preview
w
PP Rev 1.6 January 2005
46
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49
Output control
2
SPKBOOST
0
0 = speaker gain = -1;
DC = AVDD / 2
1 = speaker gain = +1.5;
DC = 1.5 x AVDD / 2
R1
Power
management
1
8
BUFDCOPEN
0
Dedicated buffer for DC level shifting
output stages when in 1.5x gain
boost configuration.
0=Buffer disabled
1=Buffer enabled (required for 1.5x
gain boost)
Table 33 Speaker Boost Stage Control
SPKBOOST
OUTPUT
STAGE GAIN
OUTPUT DC
LEVEL
OUTPUT STAGE
CONFIGURATION
0
1x (0dB)
AVDD/2
Inverting
1
1.5x (3.52dB)
1.5xAVDD/2
Non-inverting
Table 34 Output Boost Stage Details
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
MUTERPGA2INV
0
Mute input to INVROUT2 mixer
4
INVROUT2
0
Invert ROUT2 output
3:1
BEEPVOL
000
AUXR input to ROUT2 inverter gain
000 = -15dB
...
111 = +6dB
R43
Beep control
0
BEEPEN
0
0 = mute AUXR beep input
1 = enable AUXR beep input
Table 35 AUXR – ROUT2 BEEP Mixer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com