Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980GEFL/V Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 81 page
background image
WM8980
Product Preview
w
PP Rev 1.6 January 2005
30
8
ALCMODE
0
Determines the ALC mode of operation:
0=ALC mode
1=Limiter mode
Decay (gain ramp-up) time
(ALCMODE ==0)
Per
step
Per
6dB
90% of
range
0000
410us
3.3ms
24ms
0001
820us
6.6ms
48ms
0010
1.64ms
13.1ms
192ms
… (time doubles with every step)
0011
(13ms/6dB)
1010
or
higher
420ms
3.36s
24.576s
Decay (gain ramp-up) time
(ALCMODE ==1)
Per
step
Per 6dB
90% of
range
0000
90.8us
726.4us
5.26ms
0001
181.6us
1.453ms
10.53ms
0010
363.2us
2.905ms
21.06ms
… (time doubles with every step)
7:4
ALCDCY
[3:0]
0011
(2.9ms/6dB)
1010
93ms
744ms
5.39s
ALC attack (gain ramp-down) time
(ALCMODE == 0)
Per
step
Per 6dB
90% of
range
0000
104us
832us
6ms
0001
208us
1.664ms
12ms
0010
416us
3.328ms
24.1ms
… (time doubles with every step)
0010
(832us/6dB)
1010
or
higher
106ms
852ms
6.18s
ALC attack (gain ramp-down) time
(ALCMODE == 1)
Per
step
Per
6dB
90% of
range
0000
22.7us
182.4us
1.31ms
0001
45.4us
363.2us
2.62ms
0010
90.8us
726.4us
5.26ms
… (time doubles with every step)
R34
ALC Control
3
3:0
ALCATK
[3:0]
0010
(182us/6dB)
1010
23.2ms
186ms
1.348s
Table 16 ALC Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com