Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980GEFL/V Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
Product Preview
WM8980
w
PP Rev 1.6 January 2005
29
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:7
ALCSEL
00
ALC function select
00=ALC disabled
01=Right channel ALC enabled
10=Left channel ALC enabled
11=Both channels ALC enabled
5:3
ALCMAXGAIN
[2:0]
111
(+35.25dB)
Set Maximum Gain of PGA
111=+35.25dB
110=+29.25dB
101=+23.25dB
100=+17.25dB
011=+11.25dB
010=+5.25dB
001=-0.75dB
000=-6.75dB
R32
ALC Control
1
2:0
ALCMINGAIN
[2:0]
000 (-12dB)
Set minimum gain of PGA
000=-12dB
001=-6dB
010=0dB
011=+6dB
100=+12dB
101=+18dB
110=+24dB
111=+30dB
7:4
ALCHLD
[3:0]
0000
(0ms)
ALC hold time before gain is increased.
0000 = 0ms
0001 = 2.67ms
0010 = 5.33ms
… (time doubles with every step)
1111 = 43.691s
3:0
ALCLVL
[3:0]
1011
(-12dB)
ALC target – sets signal level at ADC
input
0000 = -28.5dB FS
0001 = -27.0dB FS
… (1.5dB steps)
1110 = -7.5dB FS
1111 = -6dB FS
R33
ALC Control
2
8
ALCZC
0 (zero
cross off)
ALC uses zero cross detection circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com