Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980GEFL/V Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 81 page
background image
WM8980
Product Preview
w
PP Rev 1.6 January 2005
20
AUXILLIARY INPUTS
There are two auxilliary inputs, AUXL and AUXR which can be used for a variety of purposes such
as stereo line inputs or as a ‘beep’ input signal to be mixed with the outputs.
The AUXL/R inputs can be used as a line input to the input BOOST stage which has gain adjust of -
12dB to +6dB in 3dB steps (plus off). See the INPUT BOOST section for further details.
The AUXL/R inputs can also be mixed into the output channel mixers, with a gain of -15dB to +6dB
plus off.
In addition the AUXR input can be summed into the Right speaker output path (ROUT2) with a gain
adjust of -15 to +6dB. This allows a ‘beep’ input to be output on the speaker outputs only without
affecting the headphone or lineout signals.
INPUT BOOST
Each of the stereo input PGA stages is followed by an input BOOST circuit. The input BOOST
circuit has 3 selectable inputs: the input microphone PGA output, the AUX amplifier output and the
L2/R2 input pin (can be used as a line input, bypassing the input PGA). These three inputs can be
mixed together and have individual gain boost/adjust as shown in Figure 7.
Figure 7 Input Boost Stage
The input PGA paths can have a +20dB boost (PGABOOSTL/R=1) , a 0dB pass through
(PGABOOSTL/R=0) or be completely isolated from the input boost circuit (INPPGAMUTEL/R=1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com