Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980GEFL/V Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 81 page
background image
Product Preview
WM8980
w
PP Rev 1.6 January 2005
17
Mono Digital still camera; Full control over device functionality, and power control is provided,
allowing for the case of mono DSC recording, when half of the ADC and mic and line functionality
may be disabled to save power. In the mono case, the single ADC channel of audio data is sent out
over both Left and Right channels of the audio interface when normal I2S type interface format is
used. In the case where DSP mode is used, and mono data is being sent, only the signal channel of
mono data is sent. The integrated video buffer allows direct connection to the TV for display of
moving and still images.
ANALOG FM TUNER SUPPORT
An analog stereo FM tuner might be connected to the Line inputs of WM8980, and the stereo signal
listened to via headphones, or recorded, simultaneously if required.
INPUT SIGNAL PATH
The WM8980 has a number of flexible analogue inputs. There are two input channels, Left and
Right, each of which consists of an input PGA stage followed by a boost/mix stage which drives into
the hi-fi ADC. Each input path has three input pins which can be configured in a variety of ways to
accommodate single-ended, differential or dual differential microphones.
There are two auxiliary
input pins which can be fed into to the input boost/mix stage as well as driving into the output path.
A bypass path exists from the output of the boost/mix stage into the output left/right mixers.
MICROPHONE INPUTS
The WM8980 can accommodate a variety of microphone configurations including single ended and
differential inputs. The inputs to the left differential input PGA are LIN, LIP and L2. The inputs to the
right differential input PGA are RIN, RIP and R2.
In single-ended microphone input configuration the microphone signal should be input to LIN or RIN
and the internal NOR gate configured to clamp the non-inverting input of the input PGA to VMID.
Figure 6 Microphone Input PGA Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com