Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980GEFL/V Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
WM8980
Product Preview
w
PP Rev 1.6 January 2005
34
Figure 13 DAC Digital Limiter Operation
The limiter has a programmable upper threshold which is close to 0dB. Referring to Figure 13, in
normal operation (LIMBOOST=000 => limit only) signals below this threshold are unaffected by the
limiter.
Signals above the upper threshold are attenuated at a specific attack rate (set by the
LIMATK register bits) until the signal falls below the threshold. The limiter also has a lower threshold
1dB below the upper threshold.
When the signal falls below the lower threshold the signal is
amplified at a specific decay rate (controlled by LIMDCY register bits) until a gain of 0dB is reached.
Both threshold levels are controlled by the LIMLVL register bits. The upper threshold is 0.5dB above
the value programmed by LIMLVL and the lower threshold is 0.5dB below the LIMLVL value.
VOLUME BOOST
The limiter has programmable upper gain which boosts signals below the threshold to compress the
dynamic range of the signal and increase its perceived loudness. This operates as an ALC function
with limited boost capability. The volume boost is from 0dB to +12dB in 1dB steps, controlled by the
LIMBOOST register bits.
The output limiter volume boost can also be used as a stand alone digital gain boost when the limiter
is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com