Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980GEFL/V Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
WM8980
Product Preview
w
PP Rev 1.6 January 2005
36
5-BAND GRAPHIC EQUALISER
A 5-band graphic EQ is provided, which can be applied to the ADC or DAC path, together with 3D
enhancement, under control of the EQ3DMODE register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18
EQ Control 1
8
EQ3DMODE
1
0 = Equaliser and 3D Enhancement
applied to ADC path
1 = Equaliser and 3D Enhancement
applied to DAC path
Table 22 EQ and 3D Enhancement DAC or ADC Path Select
The equaliser consists of low and high frequency shelving filters (Band 1 and 5) and three peak
filters for the centre bands. Each has adjustable cut-off or centre frequency, and selectable boost
(+/- 12dB in 1dB steps). The peak filters have selectable bandwidth.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
EQ1G
01100
(0dB)
Band 1 Gain Control. See Table 28 for
details.
R18
EQ Band 1
Control
6:5
EQ1C
01
Band 1 Cut-off Frequency:
00=80Hz
01=105Hz
10=135Hz
11=175Hz
Table 23 EQ Band 1 Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
EQ2G
01100
(0dB)
Band 2 Gain Control. See Table 28 for
details.
6:5
EQ2C
01
Band 2 Centre Frequency:
00=230Hz
01=300Hz
10=385Hz
11=500Hz
R19
EQ Band 2
Control
8
EQ2BW
0
Band 2 Bandwidth Control
0=narrow bandwidth
1=wide bandwidth
Table 24 EQ Band 2 Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
EQ3G
01100
(0dB)
Band 3 Gain Control. See Table 28 for
details.
6:5
EQ3C
01
Band 3 Centre Frequency:
00=650Hz
01=850Hz
10=1.1kHz
11=1.4kHz
R20
EQ Band 3
Control
8
EQ3BW
0
Band 3 Bandwidth Control
0=narrow bandwidth
1=wide bandwidth
Table 25 EQ Band 3 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com