Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980GEFL/V Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 81 page
background image
WM8980
Product Preview
w
PP Rev 1.6 January 2005
14
CONTROL INTERFACE TIMING – 2-WIRE MODE
SDIN
SCLK
t
3
t
1
t
6
t
2
t
7
t
5
t
4
t
3
t
8
t
9
Figure 5 Control Interface Timing – 2-Wire Serial Control Mode
Test Conditions
DCVDD=1.8V,
DBVDD=AVDD=SPKVDD=3.3V,
DGND=AGND=SPKGND=0V,
TA=+25
oC,
Slave
Mode,
fs=48kHz,
MCLK = 256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK Frequency
0
400
kHz
SCLK Low Pulse-Width
t1
1.3
us
SCLK High Pulse-Width
t2
600
ns
Hold Time (Start Condition)
t3
600
ns
Setup Time (Start Condition)
t4
600
ns
Data Setup Time
t5
100
ns
SDIN, SCLK Rise Time
t6
300
ns
SDIN, SCLK Fall Time
t7
300
ns
Setup Time (Stop Condition)
t8
600
ns
Data Hold Time
t9
900
ns
Pulse width of spikes that will be suppressed
tps
0
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com