Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980GEFL/V Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
Product Preview
WM8980
w
PP Rev 1.6 January 2005
27
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
ADCVOLL
[7:0]
11111111
( 0dB )
Left ADC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
R15
Left channel
ADC Digital
Volume
8
ADCVU
Not
latched
ADC left and ADC right volume do not
update until a 1 is written to ADCVU (in
reg 16 or 17)
7:0
ADCVOLR
[7:0]
11111111
( 0dB )
Right ADC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
R16
Right channel
ADC Digital
Volume
8
ADCVU
Not
latched
ADC left and ADC right volume do not
update until a 1 is written to ADCVU (in
reg 16 or 17)
Table 15 ADC Digital Volume Control
INPUT LIMITER / AUTOMATIC LEVEL CONTROL (ALC)
The WM8980 has an automatic PGA gain control circuit, which can function as an input peak limiter
or as an automatic level control (ALC).
In input peak limiter mode (ALCMODE bit = 1), a digital peak detector detects when the input signal
goes above a predefined level and will ramp the PGA gain down to prevent the signal becoming too
large for the input range of the ADC. When the signal returns to a level below the threshold, the
PGA gain is slowly returned to its starting level. The peak limiter cannot increase the PGA gain
above its static level.
Figure 10 Input Peak Limiter Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com