Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980GEFL/V Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
Product Preview
WM8980
w
PP Rev 1.6 January 2005
7
Test Conditions
DCVDD=1.8V, AVDD=DBVDD=SPKVDD=VBVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless
otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Automatic Level Control (ALC)
Target Record Level
-28.5
-6
dB
Programmable gain
-12
35.25
Gain Hold Time (Note 3,5)
tHOLD
MCLK = 12.288MHz
(Note 3)
0, 2.67, 5.33, 10.67, … , 43691
(time doubles with each step)
ms
ALCMODE=0 (ALC),
MCLK=12.288MHz
(Note 3)
3.3, 6.6, 13.1, … , 3360
(time doubles with each step)
Gain Ramp-Up (Decay) Time
(Note 4,5)
tDCY
ALCMODE=1 (limiter),
MCLK=12.288MHz
(Note 3)
0.73, 1.45, 2.91, … , 744
(time doubles with each step)
ms
ALCMODE=0 (ALC),
MCLK=12.288MHz
(Note 3)
0.83, 1.66, 3.33, … , 852
(time doubles with each step)
Gain Ramp-Down (Attack) Time
(Note 4,5)
tATK
ALCMODE=1 (limiter),
MCLK=12.288MHz
(Note 3)
0.18, 0.36, 0.73, … , 186
(time doubles with each step)
ms
Mute Attenuation
TBD
dB
Analogue to Digital Converter (ADC)
Signal to Noise Ratio (Note 6,7)
A-weighted, 0dB gain
90
dB
Total Harmonic Distortion
(Note 8)
full-scale, 0dB gain
-80
dB
Channel Separation (Note 9)
1kHz input signal
100
dB
Digital to Analogue Converter (DAC) to Line-Out (LOUT1, ROUT1 with 10k
Ω
Ω
Ω
Ω / 50pF load)
PGA gains set to 0dB,
OUT34BOOST=0
AVDD/3.3
Full-scale output
PGA gains set to 0dB,
OUT34BOOST=1
1.5x
(AVDD/3.3)
Vrms
Signal to Noise Ratio (Note 6, 7)
SNR
A-weighted
TBD
98
dB
Total Harmonic Distortion
(Note 8)
THD
RL = 10k
Ω
full-scale signal
-84
dB
Channel Separation (Note 9)
1kHz signal
80
100
dB
Output Mixers (LMX1, RMX1)
PGA gain range into mixer
-15
0
+6
dB
PGA gain step into mixer
3
dB
Analogue Outputs (LOUT1, ROUT1, LOUT2, ROUT2)
Programmable Gain range
-57
0
+6
dB
Programmable Gain step size
Monotonic
1
dB
Mute attenuation
1kHz, full scale signal
85
dB
Headphone Output (LOUT1, ROUT1 with 32
Ω
Ω
Ω
Ω load)
0dB full scale output voltage
AVDD/3.3
Vrms
Signal to Noise Ratio
SNR
A-weighted
TBD
93
dB
RL = 16
Ω, Po=20mW
AVDD=3.3V
0.008
-81
%
dB
Total Harmonic Distortion
THD
RL = 32
Ω, Po=20mW
AVDD=3.3V
0.007
- 83
%
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com