Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980GEFL/V Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 81 page
background image
Product Preview
WM8980
w
PP Rev 1.6 January 2005
37
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
EQ4G
01100
(0dB)
Band 4 Gain Control. See Table 28 for
details
6:5
EQ4C
01
Band 4 Centre Frequency:
00=1.8kHz
01=2.4kHz
10=3.2kHz
11=4.1kHz
R21
EQ Band 4
Control
8
EQ4BW
0
Band 4 Bandwidth Control
0=narrow bandwidth
1=wide bandwidth
Table 26 EQ Band 4 Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
EQ5G
01100
(0dB)
Band 5 Gain Control. See Table 28 for
details.
R22
EQ Band 5
Gain Control
6:5
EQ5C
01
Band 5 Cut-off Frequency:
00=5.3kHz
01=6.9kHz
10=9kHz
11=11.7kHz
Table 27 EQ Band 5 Control
GAIN REGISTER
GAIN
00000
+12dB
00001
+11dB
00010
+10dB
…. (1dB steps)
01100
0dB
01101
-1dB
11000 to 11111
-12dB
Table 28 Gain Register Table
3D STEREO ENHANCEMENT
The WM8980 has a digital 3D enhancement option to artificially increase the separation between the
left and right channels. Selection of 3D for record or playback is controlled by register bit
EQ3DMODE. Switching this bit from record to playback or from playback to record may only be done
when ADC and DAC are disabled. The WM8980 control interface will only allow EQ3DMODE to be
changed when ADC and DAC are disabled (ie ADCENL = 0, ADCENR = 0, DACENL = 0 and
DACENR = 0).
The DEPTH3D setting controls the degree of stereo expansion.
When 3D enhancement is used, it may be necessary to attenuate the signal by 6dB to avoid limiting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com