Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980GEFL/V Datasheet(PDF) 75 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 75 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 81 page
background image
Product Preview
WM8980
w
PP Rev 1.6 January 2005
75
5-BAND EQUALISER
The WM8980 has a 5-band equaliser which can be applied to either the ADC path or the DAC path.
The plots from Figure 42 to Figure 55 show the frequency responses of each filter with a sampling
frequency of 48kHz, firstly showing the different cut-off/centre frequencies with a gain of
±12dB, and
secondly a sweep of the gain from -12dB to +12dB for the lowest cut-off/centre frequency of each
filter.
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
-15
-10
-5
0
5
10
15
Frequency (Hz)
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
-15
-10
-5
0
5
10
15
Frequency (Hz)
Figure 42 EQ Band 1 Low Frequency Shelf Filter Cut-offs
Figure 43 EQ Band 1 Gains for Lowest Cut-off Frequency
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
-15
-10
-5
0
5
10
15
Frequency (Hz)
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
-15
-10
-5
0
5
10
15
Frequency (Hz)
Figure 44 EQ Band 2 – Peak Filter Centre Frequencies,
EQ2BW=0
Figure 45
EQ Band 2 – Peak Filter Gains for Lowest Cut-off
Frequency, EQ2BW=0
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
-15
-10
-5
0
5
10
15
Frequency (Hz)
Figure 46 EQ Band 2 – EQ2BW=0, EQ2BW=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com