Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980GEFL/V Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 80 / 81 page
background image
WM8980
Product Preview
w
PP Rev 1.6 January 2005
80
PACKAGE DIAGRAM
DM037.A
FL: 40 PIN QFN PLASTIC PACKAGE 6 X 6 X 0.9 mm BODY, 0.50 mm LEAD PITCH
NOTES:
1. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.15 mm AND 0.30 mm FROM TERMINAL TIP.
2. FALLS WITHIN JEDEC, MO-220, VARIATION VJJD-2.
3. ALL DIMENSIONS ARE IN MILLIMETRES.
4. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JEDEC 95-1 SPP-002.
5. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
6. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
7. DEPENDING ON THE METHOD OF LEAD TERMINATION AT THE EDGE OF THE PACKAGE, PULL BACK (L1) MAY BE PRESENT.
A
A1
A3
0.80
0.90
1.00
0.05
0.02
0
0.20 REF
b
D
D2
E
E2
e
L
0.30
0.18
6.00 BSC
4.25
4.15
4.00
0.50 BSC
0.30
0.40
0.50
2
2
6.00 BSC
4.25
4.15
4.00
0.10
aaa
bbb
ccc
REF:
0.15
0.10
JEDEC, MO-220, VARIATION VJJD-2.
Tolerances of Form and Position
0.25
H
0.1
0.213
G
T
0.1
W
0.2
DETAIL 2
1
DETAIL 1
INDEX AREA
(D/2 X E/2)
TOP VIEW
D
E
4
DETAIL 1
BOTTOM VIEW
C
aaa
2 X
C
aaa
2 X
E2
10
1
e
b
1
B
C
bbbM
A
D2
A
21
30
40
31
11
20
C
A3
SEATING PLANE
SIDE VIEW
DETAIL 2
A1
C
0.08
C
ccc
A
5
A3
G
T
H
b
Exposed lead
Half etch tie bar
W
7
AA
DD
CC
BB
L
L1
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
AA
0.235
L1
DD
CC
BB
0.15
0.03
0.181
0.181
0.235
7
7
7
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com