Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980GEFL/V Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 81 page
background image
WM8980
Product Preview
w
PP Rev 1.6 January 2005
38
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R41 (29h)
3D
3:0
DEPTH3D[3:0]
0000
Stereo depth
0000: 0% (minimum 3D effect)
0001: 6.67%
....
1110: 93.3%
1111: 100% (maximum 3D effect)
Table 29 3D Stereo Enhancement Function
ANALOGUE OUTPUTS
The WM8980 has three sets of stereo analogue outputs. These are:
•
LOUT1 and ROUT1 which are normally used to drive a headphone load.
•
LOUT2 and ROUT2 – normally used to drive an 8Ω BTL speaker.
•
OUT3 and OUT4 – can be configured as a stereo line out (OUT3 is left output and
OUT4 is right output). OUT4 can also be used to provide a mono mix of left and right
channels.
LOUT2, ROUT2, OUT3 and OUT4 are supplied from SPKVDD and are capable of driving up to
1.5Vrms signals as shown in Figure 14. LOUT1 and ROUT1 are supplied from AVDD and can only
drive out a 1V rms signal (AVDD/3.3).
LOUT1, ROUT1, LOUT2 and ROUT2 have individual analogue volume PGAs with -57dB to +6dB
ranges.
There are four output mixers in the output signal path, the left and right channel mixers which control
the signals to speaker, headphone (and optionally the line outputs) and also dedicated OUT3 and
OUT4 mixers.
LEFT AND RIGHT OUTPUT CHANNEL MIXERS
The left and right output channel mixers are shown in Figure 14.
These mixers allow the AUX
inputs, the ADC bypass and the DAC left and right channels to be combined as desired.
This
allows a mono mix of the DAC channels to be done as well as mixing in external line-in from the
AUX or speech from the input bypass path.
The AUX and bypass inputs have individual volume control from -15dB to +6dB and the DAC volume
can be adjusted in the digital domain if required.
The output of these mixers goes to both the
headphone (LOUT1 and ROUT1) and speaker (LOUT2 and ROUT2) and can optionally go to the
OUT3 and OUT4 mixers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com