Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980GEFL/V Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
Product Preview
WM8980
w
PP Rev 1.6 January 2005
21
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R47
Left Input
BOOST
control
8
PGABOOSTL
1
Boost enable for left channel input
PGA:
0 = PGA output has +0dB gain
through input BOOST stage.
1 = PGA output has +20dB gain
through input BOOST stage.
R48
Right Input
BOOST
control
8
PGABOOSTR
1
Boost enable for right channel input
PGA:
0 = PGA output has +0dB gain
through input BOOST stage.
1 = PGA output has +20dB gain
through input BOOST stage.
Table 5 Input BOOST Stage Control
The Auxilliary amplifier path to the BOOST stages is controlled by the AUXL2BOOSTVOL[2:0] and
AUXR2BOOSTVOL[2:0] register bits.
When AUXL2BOOSTVOL/AUXR2BOOSTVOL=000 this path
is completely disconnected from the BOOST stage. Settings 001 through to 111 control the gain in
3dB steps from -12dB to +6dB.
The L2/R2 path to the BOOST stage is controlled by the LIP2BOOSTVOL[2:0] and the
RIP2BOOSTVOL[2:0] register bits. When L2_2BOOSTVOL/R2_2BOOSTVOL=000 the L2/R2 input
pin is completely disconnected from the BOOST stage. Settings 001 through to 111 control the gain
in 3dB steps from -12dB to +6dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com