Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980GEFL/V Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
WM8980
Product Preview
w
PP Rev 1.6 January 2005
32
Figure 12 DAC Digital Filter Path
The analogue outputs from the DACs can then be mixed with the aux analogue inputs and the ADC
analogue inputs. The mix is fed to the output drivers for headphone (LOUT1/ROUT1), speaker
(LOUT2/ROUT2) or line (OUT3/OUT4).
OUT3 and OUT4 have additional mixers which allow them
to output different signals to the headphone and speaker outputs.
DIGITAL PLAYBACK (DAC) PATH
Digital data is passed to the WM8980 via the flexible audio interface and is then passed through a
variety of advanced digital filters as shown in Figure 12 to the hi-fi DACs. The DACs are enabled by
the DACENL/R register bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
DACENL
0
Left channel DAC enable
0 = DAC disabled
1 = DAC enabled
R3
Power
Management 3
1
DACENR
0
Right channel DAC enable
0 = DAC disabled
1 = DAC enabled
Table 18 DAC Enable Control
The WM8980 also has a Soft Mute function, which gradually attenuates the volume of the digital
signal to zero. When removed, the gain will ramp back up to the digital gain setting.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
DACPOLL
0
Left DAC output polarity:
0 = non-inverted
1 = inverted (180 degrees phase shift)
1
DACPOLR
0
Right DAC output polarity:
0 = non-inverted
1 = inverted (180 degrees phase shift)
2
AMUTE
0
Automute enable
0 = Amute disabled
1 = Amute enabled
3
DACOSR
0
DAC oversampling rate:
0=64x (lowest power)
1=128x (best performance)
R10
DAC Control
6
SOFTMUTE
0
Softmute enable:
0=Disabled
1=Enabled
Table 19 DAC Control Register
The digital audio data is converted to oversampled bit streams in the on-chip, true 24-bit digital
interpolation filters. The bitstream data enters the multi-bit, sigma-delta DACs, which convert it to a
high quality analogue audio signal. The multi-bit DAC architecture reduces high frequency noise and
sensitivity to clock jitter. It also uses a Dynamic Element Matching technique for high linearity and
low distortion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com