Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8980GEFL/V Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 81 page
background image
Product Preview
WM8980
w
PP Rev 1.6 January 2005
31
ALC CLIP PROTECTION
To prevent clipping when a large signal occurs just after a period of quiet, the ALC circuit includes a
clip protection function. If the ADC input signal exceeds 87.5% of full scale (–1.16dB), the PGA gain
is ramped down at the maximum attack rate (as when ALCATK = 0000), until the signal level falls
below 87.5% of full scale. This function is automatically enabled whenever the ALC is enabled.
Note:
If ATK = 0000, then the clip protection circuit makes no difference to the operation of the ALC. It is
designed to prevent clipping when long attack times are used.
NOISE GATE
When the signal is very quiet and consists mainly of noise, the ALC function may cause “noise
pumping”, i.e. loud hissing noise during silence periods. The WM8980 has a noise gate function that
prevents noise pumping by comparing the signal level at the input pins against a noise gate
threshold, NGTH. The noise gate cuts in when:
Signal level at ADC [dB] < NGTH [dB] + PGA gain [dB] + Mic Boost gain [dB]
This is equivalent to:
Signal level at input pin [dB] < NGTH [dB]
The PGA gain is then held constant (preventing it from ramping up as it normally would when the
signal is quiet).
The table below summarises the noise gate control register. The NGTH control bits set the noise
gate threshold with respect to the ADC full-scale range. The threshold is adjusted in 6dB steps.
Levels at the extremes of the range may cause inappropriate operation, so care should be taken with
set–up of the function. Note that the noise gate only works in conjunction with the ALC function.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
NGTH
000
Noise gate threshold:
000=-39dB
001=-45dB
010=-51db
… (6dB steps)
111=-81dB
R35
ALC Noise Gate
Control
3
NGATEN
0
Noise gate function enable
1 = enable
0 = disable
Table 17 ALC Noise Gate Control
OUTPUT SIGNAL PATH
The WM8980 output signal paths consist of digital application filters, up-sampling filters, stereo Hi-Fi
DACs, analogue mixers, speaker, stereo headphone and stereo line/mono/midrail output drivers.
The digital filters and DAC are enabled by register bits DACENL And DACENR. The mixers and
output drivers can be separately enabled by individual control bits (see Analogue Outputs). Thus it is
possible to utilise the analogue mixing and amplification provided by the WM8980, irrespective of
whether the DACs are running or not.
The WM8980 DACs receive digital input data on the DACDAT pin. The digital filter block processes
the data to provide the following functions:
§
Digital volume control
§
Graphic equaliser
§
A digital peak limiter.
§
Sigma-Delta Modulation
High performance sigma-delta audio DAC converts the digital data into an analogue signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com