Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652PCB Datasheet(PDF) 40 Page - Analog Devices

Part # AD6652PCB
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652PCB Datasheet(HTML) 40 Page - Analog Devices

Back Button AD6652PCB Datasheet HTML 36Page - Analog Devices AD6652PCB Datasheet HTML 37Page - Analog Devices AD6652PCB Datasheet HTML 38Page - Analog Devices AD6652PCB Datasheet HTML 39Page - Analog Devices AD6652PCB Datasheet HTML 40Page - Analog Devices AD6652PCB Datasheet HTML 41Page - Analog Devices AD6652PCB Datasheet HTML 42Page - Analog Devices AD6652PCB Datasheet HTML 43Page - Analog Devices AD6652PCB Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
AD6652
Rev. 0 | Page 40 of 76
POLATING HALF-BAND FILTERS
at
nd follow the four
s
it Q to the AGC. The half-band and AGC
opera e independently of each other, so the AGC can be
, in which case the output of the half-band is sent
to the output data port. The half-band filters also
er one can be enabled
at Address
a
f the
ethods:
hannels of the AD6652 are used to process
e
by
o
hannel 2. Each half-band interleaves
INTER
The AD6652 has two interpolating half-band FIR filters th
immediately precede the two digital AGCs a
RCF channel outputs. Each interpolating half-band takes
16-bit I and 16-bit Q data from the preceding RCF and output
16-bit I and 16-b
t
bypassed
directly
operate independently of each other—eith
or disabled. The control register for Half-Band A is
0x08 and for Half-Band B is at Address 0x09.
Half-band filters also perform the function of interleaving data
from various RCF channel outputs prior to the actual function
of interpolation. Interleaving of data is allowed even when the
half-band filter is bypassed. This allows the implementation of
polyphase filter by combining the processing power of multiple
channels to act upon a single carrier. This is accomplished by
appropriate phasing of the processing channels using one o
following m
• RCF phase decimation
• Start hold-off counter
For example, if two c
one CDMA2000 carrier, RCF filters for both the channels
should be 180° out of phase. This can be done using RCF phas
decimation or an appropriate start hold-off counter followed
appropriate NCO phase offsets.
Half-band A can listen to all four channels: Channels 0, 1, 2, and
3; Channel 0 and 1; or only Channel 0. Half-band B can listen t
Channels 2 and 3, or only C
the channels specified in its control register and interpolates by
two on the combined data from those channels. For one channel
running at twice the chip rate, the half-band can be used to
output channel data at four times the chip rate. The frequency
response of the interpolating half-band FIR is shown in
Figure 50.
MULTIPLES OF CHIP RATE
0
1.0
2.0
3.0
3.5
4.0
–70
–80
0.5
1.5
2.5
i
N
3
fSAMP
0
SPECTRUM OF HALF-BAND
–20
–40
–10
–30
–50
–60
fSAMP
fCHIP
fCHIP
Figure 50. Interpolating Half-Band Frequency Response
The SNR of the interpolating half-band is around −149.6 dB.
The highest error spurs due to fixed-point arithmetic are
around −172.9 dB. The coefficients of the 13-tap interpolating
half-band FIR are given in Table 18.
Table 18. Half-Band Coefficients
0
14
0
−66
0
309
512
309
0
−66
0
14
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com