Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652PCB Datasheet(PDF) 57 Page - Analog Devices

Part # AD6652PCB
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652PCB Datasheet(HTML) 57 Page - Analog Devices

Back Button AD6652PCB Datasheet HTML 53Page - Analog Devices AD6652PCB Datasheet HTML 54Page - Analog Devices AD6652PCB Datasheet HTML 55Page - Analog Devices AD6652PCB Datasheet HTML 56Page - Analog Devices AD6652PCB Datasheet HTML 57Page - Analog Devices AD6652PCB Datasheet HTML 58Page - Analog Devices AD6652PCB Datasheet HTML 59Page - Analog Devices AD6652PCB Datasheet HTML 60Page - Analog Devices AD6652PCB Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 76 page
background image
AD6652
Rev. 0 | Page 57 of 76
PIN_SYNC CONTROL REGISTER
rnal Address 4
he write-only
N_SYNC control register.
its 3–0 of this register are the PIN SYNC_EN control bits.
hese bits can be writt
o by the controller to select any or all
f the external pin syn inputs: A, B, C, and/or D. One pin can
e assigned to all channels, one pin can be assigned to one
nnel, or any combination in between. This register is fully
nfigurable at the channel level (in the channel address register
emory map, 0x88) as to which pin-sync signal is selected. A
sync signal can be
-sync signal, if
red. See Figure 53.
is the start enable
h enables
tates the routin
nal to all the
DC channels. This b enables any pin-sync signals that were
ted by Bits 3–0 ab
-1 multiplexer
ltimately chosen
nc signal that
ntrols the start function. See Figure 53. Programming this bit
o programs the Cha nel Address Register 0x82 of each
nel.
it 5 is the hop enable bit. Writing this bit to logic high enables
al pin-sync signal to all the
n-sync signals that were
synchronization signals. If this
e
o programs the
External Address 3
e output port control register’s memory map.
control
mode
nel. If the
w, the ch nel operates n
ally. If the bit is high, the
icated channel enters a low-p
er sleep mode. Program-
ng this bit als
rograms the
nnel Address Register 0x82
ach channel.
Bit 5 allows access to the output control port registers. When
this bit
, the
gisters are accessed.
Howeve
hen th
the output
port con
egist
igh, the value in
Externa
dress
mory map for the
output c
ol po
f the normal channel
address
er m
Table 29 in the Output Port
Control Registers
Bit 6–7
e reserv
w.
DATA
ES
S
Externa
ess 2–0
These r
rm the data registers DR2, DR1, and DR0,
respecti
l in
ual
to or les
0
al Address 0 is written to, it
triggers
ntern
6652 based on the address
indicate
the A
s, during writes to the
internal
sters,
e written
last. At t
int,
d to the internal memory
indicate in A[9:0
n the opposite
directio Once th
l Address [0] DR0
must be
rst d
internal access.
DR2 is only 4 bits wide. Data written to the upper 4 bits of this
register are ignored. Likewise, reading from this register
sed via this same location by
e
access to
or all four
r can overwrite the data in 0x80, if
ep mode is selected when this bit is written logic
Exte
This is t
PI
B
T
en t
o
c
b
cha
co
m
pin-
used in addition to a soft
desi
Bit 4
r facili
bit. Writing this bit to logic hig
of the external pin-sync sig
o
g
D
it
selec
ove, to be routed to a 4-to
be the channel’s pin-sy
and u
to
co
als
n
chan
B
or facilitates the routing of the extern
DDC channels. This bit enables any pi
selected by Bits 3–0 above to be routed to a 4-to-1 multiplexer
and ultimately chosen to be the channel’s pin-sync signal that
controls the Hop function. See Figure 53. Programming this bit
also programs the Channel Address Register 0x82 of each
channel.
Bit 6 is used to ignore repetitive
bit is clear, each PIN_SYNC restarts or frequency hops th
channel. If this bit is set, then only the first occurrence causes
the action to occur. Programming this bit als
Channel Address Register 0x82 of each channel.
Bit 7 is reserved; the bits should be written to Logic 0.
SLEEP CONTROL REGISTER
In addition to sleep mode control, this register also provides
access to th
Bits 3–0
the sleep
of the indicated chan
bit is lo
an
orm
ind
ow
mi
o p
Cha
of e
Bit 4 is reserved and should be written to Logic 0.
is low
channel address re
r, w
is bit is set high, it allows access to
trol r
ers. When this bit is set h
l Ad
6 (CAR) points to the me
ontr
rt registers instead o
regist
emory map. See
section.
ar
ed and should be written lo
ADDR
S REGISTER
l Addr
egisters fo
vely. Al
ternal data-words have widths that are eq
s than 2 bits. When Extern
an i
al access to the AD
d in
CR and CAR. Thu
regi
External Address [0] DR0 must b
his po
data is transferre
d
]. Reads are performed i
n.
e address is set, Externa
the fi
ata register read to initiate an
produces only 4 LSBs.
Figure 63 is a block diagram of the memory structure.
CHANNEL ADDRESS REGISTERS (CAR)
0x00–0x7F: Coefficient Memory (CMEM)
This register is the coefficient memory (CMEM) used by the
RCF. It is memory mapped as 128 words by 20 bits. A second
128 words of RAM can be acces
writing Bit 8 of the RCF control register high at Channel
Address 0xA4. The filter calculated always uses the same
coefficients for I and Q. By using memory from both of thes
128 blocks, a filter of up to 160 taps can be calculated. Multiple
filters can be loaded and selected with a single internal
the coefficient offset register at Channel Address 0xA3.
0x80: Channel Sleep Register
This register contains the sleep bit for the channel. It mimics the
programming of Bits 0–3 at External Address 3. External
Address 3 provides simultaneous sleep mode control f
DDC channels. The use
desired. Sle
high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com