Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652PCB Datasheet(PDF) 7 Page - Analog Devices

Part # AD6652PCB
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652PCB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6652PCB Datasheet HTML 3Page - Analog Devices AD6652PCB Datasheet HTML 4Page - Analog Devices AD6652PCB Datasheet HTML 5Page - Analog Devices AD6652PCB Datasheet HTML 6Page - Analog Devices AD6652PCB Datasheet HTML 7Page - Analog Devices AD6652PCB Datasheet HTML 8Page - Analog Devices AD6652PCB Datasheet HTML 9Page - Analog Devices AD6652PCB Datasheet HTML 10Page - Analog Devices AD6652PCB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
AD6652
Rev. 0 | Page 7 of 76
ELECTRICAL CHARACTERISTICS
AVDD = 3.0 V, VDD = 2.5 V, VDDIO = 3.3 V, 61.44 MSPS, −1.0 dBFS differential input, 1.0 V internal reference, unless otherwise noted.
Table 5.
Parameter (Conditions)
Temp
Test Level
Min
Typ
Max
Unit
LOGIC INPUTS
Logic Compatibility
Full
IV
3.3 V CMOS
Logic 1 Voltage
Full
IV
2.0
V
Logic 0 Voltage
Full
IV
0.8
V
Logic 1 Current
Full
IV
−10
+10
µA
Logic 0 Current
Full
IV
−10
+10
µA
Input Capacitance
25°C
V
4
pF
LOGIC OUTPUTS
Logic Compatibility
Full
IV
3.3 V CMOS/TTL
Logic 1 Voltage (VOH) (IOH = 0.25 mA)
Full
IV
2.4
VDDIO − 0.2
V
Logic 0 Voltage (VOL) (IOL = 0.25 mA)
Full
IV
0.2
0.4
V
SUPPLY CURRENTS
Narrow Band (150 kHz BW) (61.44 MHz CLK)
Four Individual Channels
IAVDD
25°C
II
160
200
215
mA
IVDD
25°C
II
240
280
300
mA
IVDDIO
25°C
II
25
40
45
mA
CDMA (1.25MHz BW) (61.44 MHz CLK) Example1
IAVDD
25°C
V
200
mA
IVDD
25°C
V
336
mA
IVDDIO
25°C
V
68
mA
WCDMA (5 MHz BW) (61.44 MHz CLK) Example1
IAVDD
25°C
V
200
mA
IVDD
25°C
V
330
mA
IVDDIO
25°C
V
89
mA
TOTAL POWER DISSIPATION
Narrow Band (150 kHz BW) (61.44 MHz CLK)
Four Individual Channels
25°C
II
1.2
1.5
1.6
W
CDMA (61.44 MHz)1
25°C
V
1.7
W
WCDMA (61.44 MHz)1
25°C
V
1.7
W
ADC in Standby and DDC in Sleep Mode2
25°C
V
2.3
mW
1 All signal processing stages and all DDC channels active.
2 ADC standby power measured with ACLK inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com