Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652PCB Datasheet(PDF) 30 Page - Analog Devices

Part # AD6652PCB
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652PCB Datasheet(HTML) 30 Page - Analog Devices

Back Button AD6652PCB Datasheet HTML 26Page - Analog Devices AD6652PCB Datasheet HTML 27Page - Analog Devices AD6652PCB Datasheet HTML 28Page - Analog Devices AD6652PCB Datasheet HTML 29Page - Analog Devices AD6652PCB Datasheet HTML 30Page - Analog Devices AD6652PCB Datasheet HTML 31Page - Analog Devices AD6652PCB Datasheet HTML 32Page - Analog Devices AD6652PCB Datasheet HTML 33Page - Analog Devices AD6652PCB Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
AD6652
Rev. 0 | Page 30 of 76
FREQUENCY TRANSLATION (FOR EXAMPLE, SINGLE 1MHz CHANNEL TUNED TO BASEBAND)
AFTER FREQUENCY TRANSLATION
NCO TUNES SIGNAL TO BASEBAND
DC
SIGNAL OF INTEREST IMAGE
SIGNAL OF INTEREST
WIDEBAND INPUT SPECTRUM
WIDEBAND INPUT SPECTRUM (FOR EXAMPLE, 30MHz FROM HIGH SPEED ADC)
f /2
f /4
S
S
S
f /8
–fS/8
–fS/4
–fS/2
–3
fS/16
–3
fS/8
–5
fS/16
–fS/1
3
f /8
5
f /16
(–
fSAMPLE/2 TO + fSAMPLE/2)
6
DC
fS/2
–fS/8
–fS/4
S
S
S
S
3
f /16
f /16
fS/4
fS/8
–fS/2
3
fS/8
5
fS/16
–3
fS/16
–3
fS/8
–5
fS/16
–fS/16
Figure 45. AD6652 Frequency Translation
3
fS/16
fS/16
of Wideband Input Spectrum
–1.53 104
–1.03 104
1.03 104
1.
kHz
–120
–5000
0
5000
20
53 104
–40
–60
–80
–100
0
–20
–1000
kHz
–800
–600
–400
–200
0
200
400
600
800
1000
ns. Narrower Filter (right) Designed for EDGE Application
1.6 kSPS DDC Output Rate)
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
ificatio
te and 54
Figure 46. Filter Response (left) Meets UMTS (Wideband) Spec
(65 MSPS ADC Conversion Ra



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com