Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652PCB Datasheet(PDF) 26 Page - Analog Devices

Part # AD6652PCB
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652PCB Datasheet(HTML) 26 Page - Analog Devices

Back Button AD6652PCB Datasheet HTML 22Page - Analog Devices AD6652PCB Datasheet HTML 23Page - Analog Devices AD6652PCB Datasheet HTML 24Page - Analog Devices AD6652PCB Datasheet HTML 25Page - Analog Devices AD6652PCB Datasheet HTML 26Page - Analog Devices AD6652PCB Datasheet HTML 27Page - Analog Devices AD6652PCB Datasheet HTML 28Page - Analog Devices AD6652PCB Datasheet HTML 29Page - Analog Devices AD6652PCB Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
AD6652
Rev. 0 | Page 26 of 76
he reference into four possible
d,
REF
le
ce configurations, REFT and REFB drive the A/D
put span. The input range of
oltage at the reference pin for
d
re not
shown.
lting VREF
Internal Reference Connection
652 detects the potential at the
In all referen
A comparator within the AD6
SENSE pin and configures t
states, which are summarized in Table 11. If SENSE is grounde
the reference amplifier switch is connected to the internal
resistor divider (see Figure 40), setting VREF to a FIXED 1 V
reference output. Connecting the SENSE pin directly to V
switches the reference amplifier output to the SENSE pin,
completing the loop and providing a fixed 0.5 V reference
output. If a resistor divider is connected, as shown in Figure 41,
the switch is again set to the SENSE pin. This puts the reference
amplifier in a noninverting mode with the VREF programmab
output defined as follows:
VREF = 0.5 × (1 + R2/R1)
conversion core and establish its in
the ADC always equals twice the v
either an internal or an external reference.
The reference amplifier switch is located near the bottom left.
The SENSE pin is shown connected to ground, which sets VREF
to 1 V. Decoupling capacitors must be duplicated for the
Channel B ADC core, if it is used. The Channel B ref amp an
ADC core are identical to those of Channel A, but a
Table 11. Reference SENSE Operation
Selected Mode
SENSE Voltage
Resu
(V)
Resulting Differential Span (V p-p)
External Reference
AVDD
External Reference
2 × External Reference
Internal Fixed Reference
VREF
0.5
1.0
Programmable Reference
0.2 V to VREF
0.5 × (1 + R2/R1)
2 × VREF (See Figure 42)
Internal Fixed Reference
AGND to 0.2 V
1.0
2.0
VINA+
VINA–
REFT_A
VREF
VREF
TO CH B
REF AMP
SELECT
CORE
REFB_A
0.5V
0.1
µF
SENSE
LOGIC
CH A
ADC
0.1
µF
REF
AMP A
0.1
µF
10
µF
RINT
0.1
µF
10
µF
RINT
Figure 40. Fixed Internal Reference Configuration
VINA+
VINA–
REFT_A
VREF
TO CH B
REF AMP
REF
AMP A
CH A
ADC
CORE
REFB_A
0.1
µF
0.1
µF
µ
10
µ
VREF
0.5V
0.1 F
0.1
µF
F
10
µF
RINT
SENSE
SELECT
LOGIC
RINT
R2
R1
WHERE R1 + R2 =
10k
Ω TO 20kΩ
Figure 41. Programmable Reference Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com