Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652PCB Datasheet(PDF) 74 Page - Analog Devices

Part # AD6652PCB
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652PCB Datasheet(HTML) 74 Page - Analog Devices

Back Button AD6652PCB Datasheet HTML 68Page - Analog Devices AD6652PCB Datasheet HTML 69Page - Analog Devices AD6652PCB Datasheet HTML 70Page - Analog Devices AD6652PCB Datasheet HTML 71Page - Analog Devices AD6652PCB Datasheet HTML 72Page - Analog Devices AD6652PCB Datasheet HTML 73Page - Analog Devices AD6652PCB Datasheet HTML 74Page - Analog Devices AD6652PCB Datasheet HTML 75Page - Analog Devices AD6652PCB Datasheet HTML 76Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 74 / 76 page
background image
AD6652
Rev. 0 | Page 74 of 76
7.
Serial port control and serial data output are not available
on this part.
8.
Broadcast and programming multiple AD6652 parts using
the same microport control/data signals does not work for
input/output port control registers (Addresses 0x00 to
0x1E). If two AD6652 parts have different values for
input/output control registers, they cannot share the
microport bus (see the Microport Control section).
9.
To optimize ADC performance, decouple any system-
induced noise from the sensitive ADC reference nodes.
Place the 0.010 µF, 0.1 µF, and 10 µF external decoupling
capacitors as close as possible to the AD6652 device’s VREF,
REFTA/REFBA, and REFTB/REFBB pins. See the ADC
Voltage Reference section of the data sheet and the
evaluation board schematics, which are available on the
AD6652 product page at
HTU
www.analog.com
UTH
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com