Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652PCB Datasheet(PDF) 31 Page - Analog Devices

Part # AD6652PCB
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652PCB Datasheet(HTML) 31 Page - Analog Devices

Back Button AD6652PCB Datasheet HTML 27Page - Analog Devices AD6652PCB Datasheet HTML 28Page - Analog Devices AD6652PCB Datasheet HTML 29Page - Analog Devices AD6652PCB Datasheet HTML 30Page - Analog Devices AD6652PCB Datasheet HTML 31Page - Analog Devices AD6652PCB Datasheet HTML 32Page - Analog Devices AD6652PCB Datasheet HTML 33Page - Analog Devices AD6652PCB Datasheet HTML 34Page - Analog Devices AD6652PCB Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
AD6652
Rev. 0 | Page 31 of 76
MEMORY MAP ADDRE
N
ory
l register addresses that begin with 0x indicate that
that follows is in hexadecimal notation.
dress
modate register data that is 20 bits wide;
number(s), in decimal format, of the function that is being
described.
Eight, 3-bit external memory map addresses are shown in
decimal format in Table 22. Each of these addresses can
accommodate 8 bits of register data.
Decimal Addressing Example:
7:4 indicates that this is an
external memory address (no 0x prefix) and that the binary
address is 111, because only 3 external address bits are assigned.
Also, only Bit 4 of the 8-bit data field is described or referred to.
Hex Addressing Example:
0x0A:7–0 indicates that the binary
address is 00001010 and that Bits 7 through 0 are involved with
the function being described. Because this address begins with
0x, the user knows that it is not an external memory address,
and can be either an individual channel address register or an
output port control register, depending upon how it was routed
using the external memory address registers.
The largest 8-bit address that is used in the hexadecimal address
scheme is A9 or 169 decimal. This might not seem to be enough
memory addressing capacity, but, because addresses are re-used
with the external memory mapping scheme, there is no shortage
of address capability.
DDC INPUT MATRIX
The digital downconverter stages feature dual high speed
crossbar-switched input ports that allow the most flexibility in
routing the two ADC data streams to the four receive process-
ing channels. Crossbar switching means that any of the four
processing channels can receive data from either Port A or
Port B for a total of 16 possible combinations, as shown in
Table 12. Input port routing is selected in each NCO’s control
register at 0x88:6.
CONTROL REGISTER AND
SS NOTATIO
The following sections make frequent references to program-
mable registers and the memory mapping structure of the
AD6652. A good overview of the control registers and memory
mapping structure is found beginning in the External Mem
Map section. The following conventions are used in this
addressing scheme:
Contro
the address
cimal addresses are 8 bits wide, and each ad
All hexade
can accom
however, many of the available 20 bits per address are
unused.
A colon following an address indicates the specific bit
Table 12. Crossbar-Switched Routing of the Two 12-Bit ADC
Data Streams (A and B) Using the DDC Input Matrix
Channel 3
Channel 2
Channel 1
Channel 0
A
A
A
A
A
A
A
B
A
A
B
A
A
A
B
B
A
B
A
A
A
B
A
B
A
B
B
A
A
B
B
B
B
A
A
A
B
A
A
B
B
A
B
A
B
A
B
B
B
B
A
A
B
B
A
B
B
B
B
A
B
B
B
B
DDC DATA LATENCY
The overall signal path latency from DDC input to output can
be expressed in high speed clock cycles. Use the following
equation to calculate the latency:
Tlatency = MrCIC2 (MCICS + 7) + Ntaps + 26
where:
MrCIC2 and MCIC5 are decimation values for the rCIC2 and CIC5
filters, respectively.
Ntaps is the number RCF taps chosen.
GAIN SWITCHING
The AD6652 includes circuitry that is useful in applications in
which large dynamic range input signals exist. This circuitry
allows digital thresholds to be set such that an upper and a
lower threshold can be programmed.
One use of this circuitry is to detect when an ADC is about to
reach full scale with a particular input condition. The results
provide a flag can quickly insert an attenuator to prevent ADC
overdrive. If 18 dB (or any arbitrary value) of attenuation (or
gain) is switched in, then the signal dynamic range of the
system is increased by 18 dB. The process begins when the input
signal reaches the upper programmed threshold. In a typical
application, this might be set 1 dB (user definable) below full
scale. When this input condition is met, the appropriate LI (LIA,
LIA, LIB or LIB) signal associated with either the A or B input
port is made active. This can be used to switch the gain or
attenuation of the external circuit. The LI line stays active until



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com