Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652PCB Datasheet(PDF) 49 Page - Analog Devices

Part # AD6652PCB
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652PCB Datasheet(HTML) 49 Page - Analog Devices

Back Button AD6652PCB Datasheet HTML 45Page - Analog Devices AD6652PCB Datasheet HTML 46Page - Analog Devices AD6652PCB Datasheet HTML 47Page - Analog Devices AD6652PCB Datasheet HTML 48Page - Analog Devices AD6652PCB Datasheet HTML 49Page - Analog Devices AD6652PCB Datasheet HTML 50Page - Analog Devices AD6652PCB Datasheet HTML 51Page - Analog Devices AD6652PCB Datasheet HTML 52Page - Analog Devices AD6652PCB Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
AD6652
Rev. 0 | Page 49 of 76
in the start function, the AD6652 provides four SYNC
l
rite the NCO frequency hold-off counter(s) (0x84) to the
16
he hop on pin sync bit high and the appropriate sync
enable high at External Address 4.
K
c logic high initiates a new
or the hold-off counter unless First Sync Only,
set. Unlike the start function, the
laced in sleep mode to achieve a
r at
a DDC channel by writing to the 0x82 and
t is advantageous to do so in the
m when the external signal on the SYNC input pin
goes high to when the NCO begins processing data is equal to
the time period set up by the NCO frequency hold-off counter
(0x84) plus five master clock cycles.
Hop with Pin Sync
Just as
pins, A, B, C, and D, which are used for very accurate channe
synchronization. Each DDC channel can be programmed to
respond to any or all four SYNC pins.
Synchronization of hop with one of the external SYNC pins is
described as follows:
1.
W
appropriate value (greater than 0 and less than 2 ).
2.
Write the NCO Frequency Register(s), 0x85 and 0x86, to
the new desired frequency.
3.
Set t
pin
4.
Set the sync input select bits for each active channel. This is
done at Address 0x88:8–7. The truth table for these bits is
the same as for the start with pin sync, in Table 20.
When the selected sync pin is sampled high by the AD6652
CLK, this enables the count-down of the NCO frequency
hold-off counter. The counter is clocked with the AD6652 CL
signal. When it reaches a count of 1, the new frequency is
loaded into the NCO. Each Pin Syn
trigger event f
External Address 4:6 is set to logic high. When high, only the
first sync signal is recognized and any others are disregarded
until First Sync Only is re
channels do not need to be p
frequency hop.
Note: Each channel has a redundant pin-sync control registe
Address 0x82. This register mimics the programming as set in
External Memory Address 4:6–4. The user can control the pin
sync function of
0x88:8–7 registers, if i
application.
The time fro



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com