Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652PCB Datasheet(PDF) 64 Page - Analog Devices

Part # AD6652PCB
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652PCB Datasheet(HTML) 64 Page - Analog Devices

Back Button AD6652PCB Datasheet HTML 60Page - Analog Devices AD6652PCB Datasheet HTML 61Page - Analog Devices AD6652PCB Datasheet HTML 62Page - Analog Devices AD6652PCB Datasheet HTML 63Page - Analog Devices AD6652PCB Datasheet HTML 64Page - Analog Devices AD6652PCB Datasheet HTML 65Page - Analog Devices AD6652PCB Datasheet HTML 66Page - Analog Devices AD6652PCB Datasheet HTML 67Page - Analog Devices AD6652PCB Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
AD6652
Rev. 0 | Page 64 of 76
Table 28. M
p for Input Port Control Registers
ss
Register
Wid
mments
emory Ma
Channel Addre
Bit
th
Co
00
Lower Threshold A
Lower threshold for Input A
10
9–0:
01
Upper Threshold A
Upper threshold for Input A
10
9–0:
02
Dwell Time A
19–0:
Minimum time below Lower Threshold A
20
03
Gain Range A Control
ister
Output polarity LIA and LIA
Reg
5
4:
3:
(0) Reserved
2–0:
Linearization hold-off register
04
Lower Threshold B
Lower threshold for Input B
10
9–0:
05
Upper Threshold B
Upper threshold for Input B
10
9–0:
06
Dwell Time B
20
19–0:
Minimum time below Lower Threshold B
07
Gain Range B Control Register
ity LIB and LIB
5
4:
Output polar
3:
(0) Reserved
2–0:
Linearization hold-off register
OUTPUT PORT CONTROL REGISTERS
roup o registers is dedicated to data management af
dual channels have processed the incoming data. The
nage data nterleaving, 2× interpolation, A C functions,
t port
signment, and output port setu . Because the
re two outp t ports, A and B, the data must e funneled fr
ur channe down to two. These registers a
onsible for
g the
ta directly to the proper outpu
ort(s) or
uring th
ther post-filteri
tages (AG
nd so on) before the output port is selected
o access th output port registers for Outpu
orts A and , Bit
f Externa
ddress 3 (the sleep register) m st be written logic
h. The ch nnel address register (CAR) is t en written wi
e address t the correct output port registe
ee Table 29 for a
mplete lis
g and brief description of all r isters.
0x07: Reserved
erved. Al
its should be written logic low
8: LHB
r
he acronym for interpolating half-band, with L bei
ly accep d symbol for interpolation. This register incl des
e interleaving stage as well as the half-band filter stage, as
own in Fi
e 64. These two stages are con olled separa
om the fin AGC stage, so that they do no
et lost amon
e
merous A C control elements.
it 3, the LHB A enable bit, acts as an on/off
tch for the
terleave st e, half-band filter, and the AGC stage. See
igure 64. If it 3 is low, the interleave stage is shut down a
ents any
ation of data to t
maining
ages. This condition is desirable when the t ree stages are
eeded and ower conservation is desired. W en Bit 3 is h
e interleav
tage is active and works to int
eave the dat of
p to four D C channels according to the tr th table of Bi 2
nd Bit 1. The data is then propagated to the LHB and AGC
ages with bypass opportunities included.
B
h channels are interleaved. The truth
for these bits is shown in Table 29.
when high, directs data from the interleave
alf-band filter stage and proceed directly to
tage without interpolation. The channel data streams
a
ey are not filtered or interpolated. The
m
onfiguration is two times the
When Bit 0 is low, data from the interleave stage is passed
the half-band filter and undergoes a 2× interpolation
r
t data rate of the half-band is four
ti
S
wo channels can be inter-
annels are selected using only Bit 1; Bit 2 is the LHB B
e
0x0A: AGC A Control Register
utput word length of the AGC. The output
12, or 16 bits wide. The truth table to
o
ord lengths is given in the Table 29
of this register sets the mode of operation for the AGC.
he AGC tracks to maintain the output signal
s 1, the AGC tracks to maintain a constant
rror. See the Automatic Gain Control section for
d
odes.
sed to configure the synchronization of the AGC.
The CIC decimator filter in the AGC can be directly synchro-
xternally generated signal. When synchronized, the
A
ple for the AGC error calculation
a
y, the AGC gain changes can be synchro-
nized to a Rake receiver.
This g
f
ter
indivi
y
ma
i
G
outpu
as
p
re
a
u
b
om
fo
ls
re resp
guidin
da
t p
deto
e data through o
ng s
C,
a
.
T
e
t P
B
5 o
l A
u
hig
a
h
th
th
o
r. S
co
tin
eg
0x00–
Res
l b
.
0x0
A Control Registe
LHB is t
ng a
wide
te
u
th
sh
gur
tr
tely
fr
al
t g
g th
nu
G
B
swi
in
ag
F
B
nd
prev
further propag
he re
st
h
not
n
p
h
igh,
th
e s
erl
a
u
D
u
t
a
st
its 2 and 1 choose whic
table
Bit 0, the bypass bit,
stage to bypass the h
the AGC s
re still interleaved, but th
aximum data rate from this c
chip rate.
through
ate. The maximum outpu
mes the chip rate.
0x09: LHB B Control Register
ame as LHB A, except that only t
leaved. Ch
nable bit.
Bits 7–5 define the o
word can be 4 to 8, 10,
btain different output w
emory map, 0x0A.
m
Bit 4
When this bit is 0, t
level; when this bit i
clipping e
etails about these two m
Bits 3–1 are u
nized to an e
GC outputs an update sam
nd filtering. This wa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com