Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652PCB Datasheet(PDF) 13 Page - Analog Devices

Part # AD6652PCB
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652PCB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6652PCB Datasheet HTML 9Page - Analog Devices AD6652PCB Datasheet HTML 10Page - Analog Devices AD6652PCB Datasheet HTML 11Page - Analog Devices AD6652PCB Datasheet HTML 12Page - Analog Devices AD6652PCB Datasheet HTML 13Page - Analog Devices AD6652PCB Datasheet HTML 14Page - Analog Devices AD6652PCB Datasheet HTML 15Page - Analog Devices AD6652PCB Datasheet HTML 16Page - Analog Devices AD6652PCB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
AD6652
Rev. 0 | Page 13 of 76
Pin No.
Mnemonic
Type
Function
DDC OUTPUTS
B11
LIA
Output
Level Indicator, Input A, Data A.
C11
LIA
Output
Level Indicator, Input A, Data A.
C12
LIB
Output
Level Indicator, Input B, Data B.
P8
LIB
Output
Level Indicator, Input B, Data B.
B3
PACH0_LACLKOUT2
Output
Channel ID Output Bit, LSB, for Parallel Port A, or Link Port A Clock Output.
Function depends on logic state of 0x1B:7 of output port control register.
R2
PACH0_LBCLKOUT2
Output
Channel ID Output Bit, LSB, for Parallel Port B, or Link Port B Clock Output.
Function depends on logic state of 0x1D:7 of output port control register.
F1, D1, D2,
C2, B2, E2,
A4, A2
PA[7:0]_LA[7:0]
Output
Link Port A Data or Parallel Port A Data [7:0], Eight Pins.
P2, R3, N3,
M2, M3, T3,
L1, L2
PB[7:0_LB[7:0]
Output
Link Port B Data or Parallel Port B Data [7:0], Eight Pins.
E1, C1, F3,
G2, G1, G3,
H3, H2
PA[15:8]
Output
Parallel Port A Data [15:8], Eight Pins.
P3, R4, P4,
T4, R5, T5,
P5, R6
PB[15:8]
Output
Parallel Port B Data [15:8], Eight Pins.
N1
PAIQ
Output
Parallel Port A I or Q Data Indicator, I = High, Q = Low.
R1
PBIQ
Output
Parallel Port B I or Q Data Indicator, I = High, Q = Low.
PARALLEL OUTPUT PORT CONTROL
K2
PAACK
Input
Parallel Port A Acknowledge.
H1
PAREQ
Output
Parallel Port A Request.
P7
PBACK
Input
Parallel Port B Acknowledge.
T6
PBREQ
Output
Parallel Port B Request.
MICROPORT CONTROL
C5, A5, C6,
A6, B7, C7,
B8, C8
D[7:0]
I/O
Bidirectional Microport Data, Eight Pins. This bus is three-stated when CS is high.
B4, C3, A3
A[2:0]
Input
Microport Address Bus, 3 Pins.
C4
DS(RD)4
Input
Function depends upon MODE pin.
Active Low Data Strobe when MODE = 1.
Active Low Read Strobe when MODE = 0.
C9
DTACK(RDY)4, 5
Output
Function depends upon MODE pin.
Active Low Data Acknowledge when MODE = 1.
Microport Status Pin when MODE = 0.
B6
R/W (WR)4
Input
Read/Write Strobe when MODE = 1. Active Low Write strobe when MODE = 0.
A9
MODE4
Input
Mode Select Pin. 0 = Intel mode, 1 = Motorola mode.
A7
CS3
Input
Active Low Chip Select. Logic 1 three-states the microport data bus.
1 PDWN pins must be the same logic level: both logic high or both logic low.
2 PACH0 and PACH1 form a 2-bit output word in the parallel output mode that identifies the processing channel (0, 1, 2, or 3) whose data appears on Port A parallel
outputs. Likewise, PBCH0 and PBCH1 identify the channel for Port B.
3 Pins with a pull-down resistor of nominal 70 kΩ.
4 Mode 0 is Intel nonmultiplexed (IMN), and Mode 1 is Motorola nonmultiplexed (MNM). Pin logic level corresponds to mode.
5 Pins with a pull-up resistor of nominal 70 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com