Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652PCB Datasheet(PDF) 6 Page - Analog Devices

Part # AD6652PCB
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652PCB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6652PCB Datasheet HTML 2Page - Analog Devices AD6652PCB Datasheet HTML 3Page - Analog Devices AD6652PCB Datasheet HTML 4Page - Analog Devices AD6652PCB Datasheet HTML 5Page - Analog Devices AD6652PCB Datasheet HTML 6Page - Analog Devices AD6652PCB Datasheet HTML 7Page - Analog Devices AD6652PCB Datasheet HTML 8Page - Analog Devices AD6652PCB Datasheet HTML 9Page - Analog Devices AD6652PCB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
AD6652
Rev. 0 | Page 6 of 76
ADC AC SPECIFICATIONS
AVDD = 3.0 V, VDD = 2.5 V, VDDIO = 3.3 V, 61.44 MSPS, −1.0 dBFS differential input, 1.0 V internal reference.
Table 4.
Parameter (Conditions)
Temp
Test Level
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO1 (WITHOUT HARMONICS)
Analog Input Frequency
10.4 MHz
25°C
V
90
dB
Full
V
90
dB
25.0 MHz
25°C
II
85
90
dB
Full
V
90
dB
68.0 MHz
25°C
II
84
89.5
dB
Full
V
88.5
dB
101 MHz
25°C
V
88.0
dB
150 MHz
25°C
V
87.5
dB
200 MHz
25°C
V
85
dB
WORST HARMONIC (2nd or 3rd)1
Analog Input Frequency
10.4 MHz
25°C
V
−85
dBc
Full
V
−83
dBc
25 MHz
25°C
II
−83
−71
dBc
Full
V
−80
dBc
68 MHz
25°C
II
−80
dBc
Full
V
−76
dBc
101 MHz
25°C
V
−79
dBc
150 MHz
25°C
V
−72
dBc
200 MHz
25°C
V
−69
dBc
TWO-TONE IMD REJECTION (TWO TONES SEPARATED BY 1 MHz)2
Analog Inputs = 15/16 MHz
25°C
V
−81
dBc
Analog Inputs = 55/56 MHz
25°C
V
−79
dBc
CHANNEL ISOLATION/CROSSTALK3
Full
V
85
dB
1 Analog Input A or B = single tone @ −1 dB below full scale, 150 kHz DDC filter bandwidth.
2 Analog Input A or B = each single tone @
−7 dB below full scale, 5 MHz DDC filter bandwidth.
3 Analog Inputs A and B = each single tone @
−1 dB below full scale at 4.3 MHz and 68 MHz, 150 kHz DDC filter bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com