Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652PCB Datasheet(PDF) 76 Page - Analog Devices

Part # AD6652PCB
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652PCB Datasheet(HTML) 76 Page - Analog Devices

Back Button AD6652PCB Datasheet HTML 68Page - Analog Devices AD6652PCB Datasheet HTML 69Page - Analog Devices AD6652PCB Datasheet HTML 70Page - Analog Devices AD6652PCB Datasheet HTML 71Page - Analog Devices AD6652PCB Datasheet HTML 72Page - Analog Devices AD6652PCB Datasheet HTML 73Page - Analog Devices AD6652PCB Datasheet HTML 74Page - Analog Devices AD6652PCB Datasheet HTML 75Page - Analog Devices AD6652PCB Datasheet HTML 76Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 76 / 76 page
background image
AD6652
Rev. 0 | Page 76 of 76
OUTLINE DIMENSIONS
1.00
BSC
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BOTTOM VIEW
15.00 BSC
SQ
A1 CORNER
INDEX AREA
16
T
SEATING
PLANE
0.20 MAX
COPLANARIT
DETAIL A
0.70
0.60
0.50
BALL DIAMETER
0.50
0.30
17.00
BSC SQ
TOP VIEW
BALL A1
INDICATOR
DETAIL A
1.85*
1.71
1.40
COMPLIANT TO JEDEC STANDARDS MO-192-AAF-1
EXCEPT FOR (*) DIMENSIONS
1.31*
1.21
1.10
Figure 66. 256-Lead Chip Scale Ball Grid Array [CSPBGA]
(BC-256-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD6652BBC
−40°C to +85°C
256-Lead CSPBGA (Chip Scale Ball Grid Array)
BC-256-2
AD6652BC/PCB
Evaluation Board with AD6652 and Software
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03198–0–7/04(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com