Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652PCB Datasheet(PDF) 65 Page - Analog Devices

Part # AD6652PCB
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652PCB Datasheet(HTML) 65 Page - Analog Devices

Back Button AD6652PCB Datasheet HTML 61Page - Analog Devices AD6652PCB Datasheet HTML 62Page - Analog Devices AD6652PCB Datasheet HTML 63Page - Analog Devices AD6652PCB Datasheet HTML 64Page - Analog Devices AD6652PCB Datasheet HTML 65Page - Analog Devices AD6652PCB Datasheet HTML 66Page - Analog Devices AD6652PCB Datasheet HTML 67Page - Analog Devices AD6652PCB Datasheet HTML 68Page - Analog Devices AD6652PCB Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
AD6652
Rev. 0 | Page 65 of 76
AGC
PROCESSED DATA
FROM RCFS
CHANNEL
INTERLEAVE
ENABLE/DISABLE
(0x08:3, 0x09:2)
BYPASS
(0x08:0, 0x09:0)
BYPASS
(0x0A:0, 0x12:0)
L
HALF-BAND
FILTER AND
2
× INTERPOLATION
TO OUTPUT PORTS
A AND B
Figure 64. Block Diagram of an AGC Stage Showing the Components and Signal Routing Options
f AGC A shares the PIN SYNC
signed to
unter register at Address 0x0B
chooses not to use pin sync
s bit has a one-shot characteristic and does not
ic high being
written to it. Use of the sync now bit bypasses the AGC hold-off
When this bit is set, the CIC filter is cleared
umber of averaging
and pole parameter P
are
n
the CIC filter and the
nchronization signal might occur periodi-
ta
filters is still reduced to a
C
to
st be programmed with a 16-bit
dB from 0 to
used
in steps of 0.024 dB. A 12-bit
HB
Note: The hold-off counter o
assigned to DDC processing Channel 0. Therefore, if the user
intends to use the AGC A’s hold-off counter, the user must
attach the external sync signal to the pin sync that is as
DDC Channel 0. The hold-off co
for AGC A must be programmed with a 16-bit number that
corresponds to the desired delay before a new CIC decimated
value is updated. Writing a logic high to the proper pin sync pin
triggers the AGC hold-off counter with a retriggerable one-shot
pulse every time the pin is written high.
Bit 3 is the sync now bit. If the user
signals, the user can use the Sync Now command by program-
ming this bit high. This performs an immediate start of
decimation for a new update sample and initializes the AGC, if
Bit 2 is set. Thi
need to be reset in order to respond to a new log
counters; therefore, the name Sync Now.
Bit 2 is used to determine whether the AGC should initialize on
a Sync Now or not.
and new values for CIC decimation, n
samples, CIC scale, signal gain Gs, gain K,
are loaded. When Bit 2 = 0, the above-mentioned parameters
not updated and the CIC filter is not cleared. In both cases, a
AGC update sample is output from
decimator starts operating towards the next output sample
whenever a Sync Now occurs.
Bit 1 is used to ignore repetitive Pin_Sync signals. In some
applications, the sy
cally. If this bit is clear, each Pin_Sync resynchronizes the AGC.
If this bit is set, only the first sync high is recognized and
succeeding sync events are ignored until Bit 1 is reset.
Bit 0 is used to bypass the AGC section, when it is set. The da
from the interpolating half-band
lower bit width representation as set by Bits 7–5 of the AGC A
control register. A truncation at the output of the AGC
accomplishes this task.
0x0B: AGC A Hold-Off Counter
The AGC A hold-off counter is loaded with the 16-bit value
written to this address when Sync Now is written high or a
Pin_Sync is received. If this register is written to a 0, the AG
cannot be synchronized.
Note: The hold-off counter of AGC A shares the pin sync
assigned to DDC processing Channel 0. Therefore, if the user
intends to use AGC A’s hold-off counter, the user must either
attach the external sync signal to the pin sync that is assigned
DDC Channel 0 or use the software-controlled Sync Now
function of Bit 3 at 0x0A.
The hold-off counter mu
number that corresponds to the desired delay before a new CIC
decimated value is updated. Writing a logic high to the proper
pin sync pin triggers the AGC hold-off counter with a
retriggerable one-shot pulse every time the pin is written high.
0x0C: AGC A Desired Level
This 8-bit register contains the desired output power level or
desired clipping level, depending on the mode of operation.
This desired request R level can be set in
−23.99 dB, in steps of 0.094 dB. An 8-bit binary floating-point
representation is used with a 2-bit exponent followed by the
6-bit mantissa. The mantissa is in steps of 0.094 dB and the
exponent is in 6.02 dB steps. For example: 10’100101 represents
2 × 6.02 + 37 × 0.094 = 15.518 dB.
0x0D: AGC A Signal Gain
This register is used to set the initial value for a signal gain
in the gain multiplier. This 12-bit value sets the initial signal
gain between 0 and 96.296 dB
binary floating-point representation is used with a 4-bit
exponent followed by the 8-bit mantissa. For example:
0111’10001001 represents 7 × 6.02 + 137 × 0.024 = 45.428 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com